Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MSM80C154S Datasheet(PDF) 13 Page - OKI electronic componets

No. de pieza MSM80C154S
Descripción Electrónicos  CMOS 8-bit Microcontroller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OKI [OKI electronic componets]
Página de inicio  http://www.oki.com
Logo OKI - OKI electronic componets

MSM80C154S Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM80C154S Datasheet HTML 9Page - OKI electronic componets MSM80C154S Datasheet HTML 10Page - OKI electronic componets MSM80C154S Datasheet HTML 11Page - OKI electronic componets MSM80C154S Datasheet HTML 12Page - OKI electronic componets MSM80C154S Datasheet HTML 13Page - OKI electronic componets MSM80C154S Datasheet HTML 14Page - OKI electronic componets MSM80C154S Datasheet HTML 15Page - OKI electronic componets MSM80C154S Datasheet HTML 16Page - OKI electronic componets MSM80C154S Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
13/40
MSM80C154S/83C154S
¡ Semiconductor
External interrupt 0 signal is used in level-detect mode when this bit is "0" and in
trigger detect mode when "1".
NAME
ADDRESS
MSB
LSB
76543210
BIT LOCATION
FLAG
FUNCTION
TCON
88H
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
TCON.0
IT0
Interrupt request flag for external interrupt 0.
The bit is reset automatically when an interrupt is serviced.
The bit can be set and reset by software when IT0 = "1".
TCON.1
IE0
External interrupt 1 signal is used in level detect mode when this bit is "0", and in
trigger detect mode when "1".
TCON.2
IT1
Interrupt request flag for external interrupt 1.
The bit is reset automatically when an interrupt is serviced.
The bit can be set and reset by software when IT1 = "1".
TCON.3
IE1
Counting start and stop control bit for timer/counter 0.
Timer/counter 0 starts counting when this bit is "1", and stops counitng when "0".
TCON.4
TR0
Interrupt request flag for timer interrupt 0.
The bit is reset automatically when an interrupt is serviced.
The bit is set to "1" when a carry signal is generated from timer/counter 0.
TCON.5
TF0
Counting start and stop control bit for timer/counter 1.
The timer/counter 1 starts counting when this bit is "1", and stops counting when "0".
TCON.6
TR1
Interrupt request flag for timer interrupt 1.
The bit is reset automatically when interrupt is serviced.
The bit is set to "1" when carry signal is generated from timer/counter 1.
TCON.7
TF1
Timer control register (TCON)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com