Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MSM80C154S Datasheet(PDF) 19 Page - OKI electronic componets

No. de pieza MSM80C154S
Descripción Electrónicos  CMOS 8-bit Microcontroller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OKI [OKI electronic componets]
Página de inicio  http://www.oki.com
Logo OKI - OKI electronic componets

MSM80C154S Datasheet(HTML) 19 Page - OKI electronic componets

Back Button MSM80C154S Datasheet HTML 15Page - OKI electronic componets MSM80C154S Datasheet HTML 16Page - OKI electronic componets MSM80C154S Datasheet HTML 17Page - OKI electronic componets MSM80C154S Datasheet HTML 18Page - OKI electronic componets MSM80C154S Datasheet HTML 19Page - OKI electronic componets MSM80C154S Datasheet HTML 20Page - OKI electronic componets MSM80C154S Datasheet HTML 21Page - OKI electronic componets MSM80C154S Datasheet HTML 22Page - OKI electronic componets MSM80C154S Datasheet HTML 23Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
19/40
MSM80C154S/83C154S
¡ Semiconductor
Capture mode is set when TCLK + RCLK = "0" and CP/RL2 = "1".
16-bit auto reload mode is set when TCLK + RCLK = "0" and CP/RL2 = "0".
CP/RL2 is ignored when TCLK + RCLK = "1".
NAME
ADDRESS
MSB
LSB
76543210
BIT LOCATION
FLAG
FUNCTION
T2CON
0C8H
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2
CP/RL2
T2CON.0
CP/RL2
T2CON.1
C/T2
T2CON.2
TR2
T2CON.3
EXEN2
T2CON.4
TCLK
T2CON.5
RCLK
Timer/counter 2 external flag.
This bit is set to "1" when the T2EX timer/counter 2 external control signal level
is changed from "1" to "0" while EXEN2 = "1".
This flag serves as the timer interrupt 2 request signal. If an interrupt is
generated, EXF2 must be reset to "0" by software.
T2CON.6
EXF2
Timer/counter 2 carry flag.
This bit is set to "1" by a carry signal when timer/counter 2 is in 16-bit auto
reload mode or in capture mode.
This flag serves as the timer interrupt 2 request signal. If an interrupt is
generated, TF2 must be reset to "0" by software.
T2CON.7
TF2
Timer/counter 2 count clock designation control bit.
The internal clocks (XTAL1•2 ÷ 12, XTAL1•2 ÷ 2) are used when this bit is "0",
and the external clock applied to the T2 pin is passed to timer/counter 2 when
the bit is "1".
Timer/counter 2 counting start and stop control bit.
Timer/counter 2 commences counting when this bit is "1" and stops counting
when "0".
T2EX timer/counter 2 external control signal control bit.
Input of the T2EX signal is disabled when this bit is "0", and enabled when "1".
Serial port transmit circuit drive clock control bit.
Timer/counter 2 is switched to baud rate generator mode when this bit is "1",
and the timer/counter 2 carry signal becomes the serial port transmit clock.
Note, however, that the serial ports can only use the timer/counter 2 carry signal
in serial port modes 1 and 3.
Serial port receive circuit drive clock control bit.
Timer/counter 2 is switched to baud rate generator mode when this bit is "1",
and the timer/counter 2 carry signal becomes the serial port transmit clock.
Note, however, that the serial ports can only use the timer/counter 2 carry signal
in serial port modes 1 and 3.
Timer 2 control register (T2CON)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com