Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MSM80C154S Datasheet(PDF) 23 Page - OKI electronic componets

No. de pieza MSM80C154S
Descripción Electrónicos  CMOS 8-bit Microcontroller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OKI [OKI electronic componets]
Página de inicio  http://www.oki.com
Logo OKI - OKI electronic componets

MSM80C154S Datasheet(HTML) 23 Page - OKI electronic componets

Back Button MSM80C154S Datasheet HTML 19Page - OKI electronic componets MSM80C154S Datasheet HTML 20Page - OKI electronic componets MSM80C154S Datasheet HTML 21Page - OKI electronic componets MSM80C154S Datasheet HTML 22Page - OKI electronic componets MSM80C154S Datasheet HTML 23Page - OKI electronic componets MSM80C154S Datasheet HTML 24Page - OKI electronic componets MSM80C154S Datasheet HTML 25Page - OKI electronic componets MSM80C154S Datasheet HTML 26Page - OKI electronic componets MSM80C154S Datasheet HTML 27Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
23/40
MSM80C154S/83C154S
¡ Semiconductor
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Supply voltage
Input voltage
Storage temperature
VCC
Ta=25°C
–0.5 to 7
V
VI
Ta=25°C
–0.5 to VCC+0.5
V
TSTG
—
–55 to +150
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Range
Unit
Power supply voltage
Memory retension voltage
Oxcillation frequency
VCC
See below.
2.0 to 6.0
V
VCC
fOSC=0 Hz (Oscillation stop)
2.0 to 6.0
V
fOSC
See below.
1 to 24
MHz
External clock operating
frequency
Ambient temperature
fEXTCLK
See below.
0 to 24
MHz
Ta
—
–40 to +85
°C
*1 Depends on the specifications for the oscillator or ceramic resonater.
12
5
4
3
2
1
0.5
23
4
5
6
Power Supply Voltage (VCC)
12
6
3
1
2.2
0.6
24
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com