Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RF96 Datasheet(PDF) 18 Page - HOPE Microelectronics CO., Ltd.

No. de pieza RF96
Descripción Electrónicos  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HOPE [HOPE Microelectronics CO., Ltd.]
Página de inicio  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF96 Datasheet(HTML) 18 Page - HOPE Microelectronics CO., Ltd.

Back Button RF96 Datasheet HTML 14Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 15Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 16Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 17Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 18Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 19Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 20Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 21Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 22Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 121 page
background image
Page 18
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Symbol
Description
Conditions
Min.
Typ
Max
Unit
RFS_L125
RF sensitivity, Long-Range Mode,
highest LNA gain, LNA boost for
higher bands, using split Rx/Tx path
125 kHz bandwidth
SF = 6
SF = 7
SF = 8
SF = 9
SF = 10
SF = 11
SF = 12
-
-
-
-
-
-
-
-118
-123
-126
-129
-132
-133
-136
-
-
-
-
-
-
-
dBm
dBm
dBm
dBm
dBm
dBm
dBm
RFS_L250
RF sensitivity, Long-Range Mode,
highest LNA gain, LNA boost for
higher bands, using split Rx/Tx path
250 kHz bandwidth
SF = 6
SF = 7
SF = 8
SF = 9
SF = 10
SF = 11
SF = 12
-
-
-
-
-
-
-
-115
-120
-123
-125
-128
-130
-133
-
-
-
-
-
-
-
dBm
dBm
dBm
dBm
dBm
dBm
dBm
RFS_L500
RF sensitivity, Long-Range Mode,
highest LNA gain, LNA boost for
higher bands, using split Rx/Tx path
500 kHz bandwidth
SF = 6
SF = 7
SF = 8
SF = 9
SF = 10
SF = 11
SF = 12
-
-
-
-
-
-
-
-111
-116
-119
-122
-125
TBC
TBC
-
-
-
-
-
-
-
dBm
dBm
dBm
dBm
dBm
dBm
dBm
CCR_LCW
Co-channel rejection
Single CW tone = Sens +6 dB
1% PER
SF = 7
SF = 8
SF = 9
SF = 10
SF = 11
SF = 12
-
-
-
-
-
-
5
9.5
12
14.4
17
19.5
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
CCR_LL
Co-channel rejection
Interferer is a LoRaTM signal
using same BW and same SF.
Pw = Sensitivity + 3 dB
-6
dB
ACR_LCW
Adjacent channel rejection
Interferer is 1.5*BW_L from the
wanted signal center frequency
1% PER, Single CW tone =
Sens + 3 dB
SF = 7
SF = 12
-
-
60
72
-
-
dB
dB
IMR_LCW
Image rejection after calibration.
1% PER, Single CW tone =
Sens +3 dB
-
66
-
dB
FERR_L
Maximum tolerated frequency offset
between transmitter and receiver, no
sensitivity degradation, SF6 thru 9
BW_L = 10.4 kHz
BW_L = 62.5 kHz
BW_L = 125 kHz
BW_L = 250 kHz
BW_L = 500 kHz
-2.5
-15
-30
-60
-120
-
-
-
-
-
2.5
15
30
60
120
kHz
kHz
kHz
kHz
kHz
Maximum tolerated frequency offset
between transmitter and receiver, no
sensitivity degradation, SF10 thru 11
SF = 12
SF = 11
SF = 10
-50
-100
-200
-
-
-
50
100
200
ppm
ppm
ppm
Table 56. Electrical specifications: Lora
TM mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com