Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GQM1875C2E150JB12 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

No. de pieza GQM1875C2E150JB12
Descripción Electrónicos  High Q and High Power Chip Multilayer Ceramic Capacitors for General Purpose
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA [Murata Manufacturing Co., Ltd.]
Página de inicio  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GQM1875C2E150JB12 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  GQM1875C2E150JB12 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GQM1875C2E150JB12 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GQM1875C2E150JB12 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GQM1875C2E150JB12 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GQM1875C2E150JB12 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GQM1875C2E150JB12 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GQM1875C2E150JB12 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GQM1875C2E150JB12 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GQM1875C2E150JB12 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
1
Rated Voltage
Shown in Rated value.
The rated voltage is defined as the maximum voltage
which may be applied continuously to the capacitor.
When AC voltage is superimposed on DC voltage,
V
P-P or VO-P, whichever is larger, should be maintained
within the rated voltage range.
2
Appearance
No defects or abnormalities.
Visual inspection.
3
Dimension
Within the specified dimensions.
Using Measuring instrument of dimension.
4
Voltage proof
No defects or abnormalities.
Measurement Point
: Between the terminations
Test Voltage
: 250% of the rated voltage
Applied Time
: 1s to 5 s
Charge/discharge current : 50mA max.
5
Insulation Resistance(I.R.)
More than 10,000MΩ
Measurement Point    : Between the terminations
Measurement Voltage :
DC Rated Voltage
Charging Time
: 2 min
Charge/discharge current : 50mA max.
Measurement Temperature : Room Temperature
6
Capacitance
Shown in Rated value.
Measurement Temperature : Room Temperature
7
Q
30pF and over
: Q≧1400
30pF and below : Q≧800+20C
C:Nominal Capacitance(pF)
8
Temperature Characteristics
Nominal values of the temperature coefficient is shown in
The capacitance change should be measured after 5 min
of Capacitance
Rated value.
at each specified temp. stage.
But,the Capacitance Change under 20℃/25℃ is shown in Table A.
Capacitance value as a reference is the value in step 3.
Capacitance Drift
The capacitance drift is calculated by dividing the differences
Within +/-0.2% or +/-0.05pF
between the maximum and minimum measured values in the
(Whichever is larger.)
step 1,3 and 5 by the cap. value in step 3.
9
Adhesive Strength
No removal of the terminations or other defect
Solder the capacitor on the test substrate shown in Fig.3.
of Termination
should occur.
Holding Time
: 10+/-1s
Applied Direction : In parallel with the test substrate and vertical with
the capacitor side.
10 Vibration
Appearance
No defects or abnormalities.
Solder the capacitor on the test substrate shown in Fig.3.
Capacitance
Within the specified initial value.
Kind of Vibration
:
A simple harmonic motion
10Hz to 55Hz to 10Hz (1min)
Q
Within the specified initial value.
Total amplitude
: 1.5mm
This motion should be applied for a period of 2h in each 3 mutually
perpendicular directions(total of 6h).
11 Substrate
Appearance
No defects or abnormalities.
Solder the capacitor on the test substrate shown in Fig.1.
Bending test
Capacitance
Within +/-5% or +/-0.5pF
Pressurization method : Shown in Fig.2
Change
(Whichever is larger)
Flexure 
   : 1mm
Holding Time
:
5+/-1s
Soldering Method
: Reflow soldering
12 Solderability
95% of the terminations is to be soldered evenly and continuously.
Test Method
:
Solder bath method
Flux
Solution of rosin ethanol 25(mass)%
Preheat
: 80℃ to 120℃ for 10s to 30s
Solder
: Sn-3.0Ag-0.5Cu
Solder Temp.
: 245+/-5℃
Immersion time
: 2+/-0.5s
■ Specifications and Test Methods
No
Item
Specification
Test Method
(Ref. Standard:JIS C 5101, IEC60384)
Capacitance
Frequency
Voltage
C≦1000pF
1.0+/-0.1MHz
0.5 to 5.0Vrms
Step
Temperature(
C)
1
Reference Temp.+/-2
2
Min. Operating Temp.+/-3
3
Reference Temp.+/-2
4
Max. Operating Temp.+/-3
5
Reference Temp.+/-2
Type
Applied Force(N)
GQM18
5
GQM21
10
JEMCNS-0022E
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com