Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GQM1875C2E150JB12 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

No. de pieza GQM1875C2E150JB12
Descripción Electrónicos  High Q and High Power Chip Multilayer Ceramic Capacitors for General Purpose
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA [Murata Manufacturing Co., Ltd.]
Página de inicio  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GQM1875C2E150JB12 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  GQM1875C2E150JB12 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GQM1875C2E150JB12 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GQM1875C2E150JB12 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GQM1875C2E150JB12 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GQM1875C2E150JB12 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GQM1875C2E150JB12 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GQM1875C2E150JB12 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GQM1875C2E150JB12 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GQM1875C2E150JB12 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
GQM1875C2E150JB12_ (0603, C0G:EIA, 15pF, DC250V)
_: packaging code
Reference Sheet
1.Scope
  
2.MURATA Part NO. System
(Ex.)
3. Type & Dimensions
(Unit:mm)
4.Rated value
5.Package
Product specifications in this catalog are as of Jun.2,2017,and are subject to change or obsolescence without notice.
Please consult the approval sheet before ordering.
Please read rating and !Cautions first.
0.5 min.
(1)-1 L
1.6±0.15
(1)-2 W
0.8±0.15
e
High Q and High Power Chip Multilayer Ceramic Capacitors for General Purpose
Packaging Unit
DC 250 V
Temp. Range
(Ref.Temp.)
(8) Packaging
(6)
Capacitance
Tolerance
15 pF
Temp. coeff
or Cap. Change
±5 %
This product specification is applied to High Q and High Power Chip Multilayer Ceramic Capacitors used for General Electronic equipment.
(2) T
0.7±0.1
-55 to 125 °C
0±30 ppm/°C
25 to 125 °C
(25 °C)
(4)
Rated
Voltage
Specifications and Test
Methods
(Operating
Temp. Range)
D
f180mm Reel
PAPER W8P4
4000 pcs./Reel
(3) Temperature Characteristics
(Public STD Code):C0G(EIA)
g
0.2 to 0.5
(5) Nominal
Capacitance
mark
(1)L/W
Dimensions
(2)T
Dimensions
(3)Temperature
Characteristics
(4)Rated
Voltage
(5)Nominal
Capacitance
(6)Capacitance
Tolerance
(8)Packaging Code
(7)Murata’s Control
Code
GQM
18
7
5C
2E
150
J
B12
D
GQM1875C2E150JB12-01
1


Número de pieza similar - GQM1875C2E150JB12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
GQM1875C2E150JB12 MURATA1-GQM1875C2E150JB12 Datasheet
1Mb / 32P
Ceramic Capacitors(SMD)
Dec.28,2023
logo
Murata Manufacturing Co...
GQM1875C2E150JB12 MURATA-GQM1875C2E150JB12 Datasheet
1Mb / 30P
High Frequency Ceramic Capacitors – GQM Series
logo
Murata Manufacturing Co...
GQM1875C2E150JB12 MURATA1-GQM1875C2E150JB12 Datasheet
1Mb / 32P
Ceramic Capacitors(SMD)
Jul.10,2025
GQM1875C2E150JB12-01A MURATA1-GQM1875C2E150JB12-01A Datasheet
1Mb / 32P
Ceramic Capacitors(SMD)
Jul.10,2025
GQM1875C2E150JB12 MURATA1-GQM1875C2E150JB12_V01 Datasheet
1Mb / 32P
Ceramic Capacitors(SMD)
Dec.28,2023
More results

Descripción similar - GQM1875C2E150JB12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
GQM1875C2E220JB12 MURATA-GQM1875C2E220JB12 Datasheet
755Kb / 27P
High Q and High Power Chip Multilayer Ceramic Capacitors for General Purpose
GQM1875C2ER50BB12 MURATA-GQM1875C2ER50BB12 Datasheet
757Kb / 27P
High Q and High Power Chip Multilayer Ceramic Capacitors for General Purpose
GQM1875C2E100FB12 MURATA-GQM1875C2E100FB12 Datasheet
758Kb / 27P
High Q and High Power Chip Multilayer Ceramic Capacitors for General Purpose
GQM2195C2E1R2BB12 MURATA-GQM2195C2E1R2BB12 Datasheet
753Kb / 27P
High Q and High Power Chip Multilayer Ceramic Capacitors for General Purpose
GQM2195C2E180JB12 MURATA-GQM2195C2E180JB12 Datasheet
758Kb / 27P
High Q and High Power Chip Multilayer Ceramic Capacitors for General Purpose
GQM1875C2E620JB12 MURATA-GQM1875C2E620JB12 Datasheet
758Kb / 27P
High Q and High Power Chip Multilayer Ceramic Capacitors for General Purpose
GQM1875C2E750JB12 MURATA-GQM1875C2E750JB12 Datasheet
758Kb / 27P
High Q and High Power Chip Multilayer Ceramic Capacitors for General Purpose
GQM1875C2E910JB12 MURATA-GQM1875C2E910JB12 Datasheet
758Kb / 27P
High Q and High Power Chip Multilayer Ceramic Capacitors for General Purpose
GQM2195C2ER50CB12 MURATA-GQM2195C2ER50CB12 Datasheet
758Kb / 27P
High Q and High Power Chip Multilayer Ceramic Capacitors for General Purpose
GQM2195C2ER75CB12 MURATA-GQM2195C2ER75CB12 Datasheet
758Kb / 27P
High Q and High Power Chip Multilayer Ceramic Capacitors for General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com