Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GQM1875C2E150JB12 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

No. de pieza GQM1875C2E150JB12
Descripción Electrónicos  High Q and High Power Chip Multilayer Ceramic Capacitors for General Purpose
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA [Murata Manufacturing Co., Ltd.]
Página de inicio  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GQM1875C2E150JB12 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  GQM1875C2E150JB12 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GQM1875C2E150JB12 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GQM1875C2E150JB12 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GQM1875C2E150JB12 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GQM1875C2E150JB12 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GQM1875C2E150JB12 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GQM1875C2E150JB12 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GQM1875C2E150JB12 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GQM1875C2E150JB12 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Substrate Bending test
・Test substrate
Material
: Copper-clad laminated sheets for PCBs (Glass fabric base, epoxy resin)
Thickness : 1.6mm
Copper foil thickness : 0.035mm
           : Solder resist (Coat with heat resistant resin for solder)
Fig.1
(in mm)
・Kind of Solder : Sn-3.0Ag-0.5Cu
・Pressurization method
Fig.2
(in mm)
Adhesive Strength of Termination, Vibration, Temperature Sudden Change, High Temperature High Humidity(Steady) , Durability
・Test substrate
Material
: Copper-clad laminated sheets for PCBs (Glass fabric base, epoxy resin)
Thickness : 1.6mm or 0.8mm
Copper foil thickness : 0.035mm
・Kind of Solder : Sn-3.0Ag-0.5Cu
・Land Dimensions
Fig.3
*2
4.0±0.1
0.05以下
*1
φ1.5 +0.1
-0
t
*1,2:2.0±0.05
100
a
b
Land
f4.5
b
a
Solder Resist
Chip Capacitor
Land
45
45
Flexure
Capacitance meter
Pressurization
speed
1.0mm/s
Support
Capacitor
Pressurize
45
45
R5
20
50 min.
Type
Dimension (mm)
a
b
c
GQM18
1.0
3.0
1.2
GQM21
1.2
4.0
1.65
Type
Dimension (mm)
a
b
c
GQM18
1.0
3.0
1.2
GQM21
1.2
4.0
1.65
JEMCNS-0022E
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com