Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST-0503 Datasheet(PDF) 2 Page - Soberton Inc.

No. de pieza ST-0503
Descripción Electrónicos  THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SOBERTON [Soberton Inc.]
Página de inicio  http://www.soberton.com
Logo SOBERTON - Soberton Inc.

ST-0503 Datasheet(HTML) 2 Page - Soberton Inc.

  ST-0503_17 Datasheet HTML 1Page - Soberton Inc. ST-0503_17 Datasheet HTML 2Page - Soberton Inc. ST-0503_17 Datasheet HTML 3Page - Soberton Inc. ST-0503_17 Datasheet HTML 4Page - Soberton Inc. ST-0503_17 Datasheet HTML 5Page - Soberton Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: ST-0503
PRODUCT: Electromagnetic Buzzer
EDITION: A/2017
RELIABILITY TEST
item
test conditions
evaluation standard
operating life test
ORDINARY TEMPERATURE
The part will be subjected to 96 hours of
continuous operation at +25±10oC
After the test the part will meet specifications
without any degradation in appearance and
performance except SPL, after 4 hours at +25oC.
The SPL would be in ±10dBA compared with
initial one.
HIGH TEMPERATURE
The part will be subjected to 72 hours of
continuous operation at +70oC with 3.0V,
4000Hz applied.
LOW TEMPERATURE
The part will be subjected to 72 hours of
continuous operation at -30oC with 3.0V, 4000Hz
applied.
TEST CONDITION
Standard Test Condition : a)Temperature: +5~+35oC b)Humidity:45~85% c)Pressure: 860~1060mbar
MECHANICAL CHARACTERISTICS
item
test condition
evaluation standard
solderability
Lead terminals are immersed in solder bath of
+250±5oC for 3±1 seconds.
90% min. lead terminals will be wet with solder
No interference in operation.
soldering heat resistance
The product followed the reflow profile to test
its reflow thermo-stability.
terminal mechanical
strength
Lead pads will be soldered on the pc board, and
the force 9.8N(1.0Kg) will be applied behind the
part for 10 seconds.
No damage and cutting off
vibration
The part will be subjected to a vibration cycle of
10Hz to 55Hz to 10Hz in a period of 1 minute.
Total peak amplitude will be 1.52mm(9.3G). The
vibration test will consist of 2 hours per axis in
each three axes (X,Y,Z). Total 6 hours.
After the test the part will meet specifications
without any damage in appearance and per-
formance except SPL. SPL would be in ±10dBA
compared with initial one.
drop test
The part only will be dropped from a height of
75cm onto a 40mm thick wooden board 3 times
in 3 axes (X,Y,Z). Total of 9 times.
RECOMMENDED TEMPERATURE PROFILE FOR REFLOW OVEN
PAGE 2/5
Recommendable wave soldering condition is as follows:
Note 1: It is requested that reflow soldering should be executed
after heat of product goes down to normal temperature.
Note 2: Peak reflow temperature of 250˚C maximum of 10 seconds,
with a maximum duration of 40-60 seconds between 220˚C and
250˚C



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com