Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST-0503 Datasheet(PDF) 1 Page - Soberton Inc.

No. de pieza ST-0503
Descripción Electrónicos  THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SOBERTON [Soberton Inc.]
Página de inicio  http://www.soberton.com
Logo SOBERTON - Soberton Inc.

ST-0503 Datasheet(HTML) 1 Page - Soberton Inc.

  ST-0503_17 Datasheet HTML 1Page - Soberton Inc. ST-0503_17 Datasheet HTML 2Page - Soberton Inc. ST-0503_17 Datasheet HTML 3Page - Soberton Inc. ST-0503_17 Datasheet HTML 4Page - Soberton Inc. ST-0503_17 Datasheet HTML 5Page - Soberton Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: ST-0503
PRODUCT: Electromagnetic Buzzer
EDITION: A/2017
THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
SPECIFICATION
Test condition: TEMP=+25±2 oC Related humidity=65±5% Air pressure: 860 ~1060mbar
item
unit
specification
condition
rated voltage
Vo-p
3.0
operating volt
Vo-p
2.0 ~ 4.0
mean current
mA
110 Max
At rated voltage, 4000Hz square wave, 1/2 duty
coil resistance
Ω
12±3
sound output
dBA
80
At 10cm(A-weight free air), at rated voltage
4000Hz, square wave, 1/2duty
rated frequency
Hz
4000
operating temp
oC
-30 ~ +70
storage temp
oC
-40 ~ +80
dimension
mm
L5.0×W5.0×H3.0
See attached drawing
weight
gram
0.3
material
LCP(Black)
terminal
SMD type
(Plating Sn)
See attached drawing
environmental
protection regulation
RoHS
ENVIRONMENT TEST
item
test condition
evaluation standard
high temp. test
After being placed in a chamber at +80oC for
48 hours.
After the test the part will meet specifications
without any degradation in appearance and
performance except SPL, after 4 hours at +25oC.
The SPL will be in ±10dBA compared with initial
one.
low temp. test
After being placed in a chamber at -40oC for
48 hours.
thermal shock
The part will be subjected to 10 cycles.
One cycle shall consist of:
temp./humidity cycle
The part will be subjected to 10 cycles.
One cycle shall be 24 hours and consist of:
Vo-p
0V
60 min
30 min
-40oC
+80oC
30 min
a,b: 90~98%RH
c: 80~98%RH
+80oC
+25oC
3hrs
3hrs
12±0.5hrs
24 hrs
a
b
c
PAGE 1/5


Número de pieza similar - ST-0503_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Soberton Inc.
ST-0503-3 SOBERTON-ST-0503-3 Datasheet
558Kb / 6P
Piezo Buzzer
ST-0503-3 SOBERTON-ST-0503-3 Datasheet
430Kb / 5P
THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
ST-0503-3 SOBERTON-ST-0503-3_17 Datasheet
430Kb / 5P
THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
More results

Descripción similar - ST-0503_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Soberton Inc.
GT-0903A SOBERTON-GT-0903A_17 Datasheet
345Kb / 5P
THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
ST-025BH SOBERTON-ST-025BH_17 Datasheet
412Kb / 5P
THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
ST-1411 SOBERTON-ST-1411_17 Datasheet
345Kb / 4P
THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WT-2505 SOBERTON-WT-2505_17 Datasheet
312Kb / 5P
THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WT-1201 SOBERTON-WT-1201_17 Datasheet
268Kb / 5P
THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-1612S SOBERTON-WST-1612S_16 Datasheet
340Kb / 5P
THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-1606S SOBERTON-WST-1606S_16 Datasheet
253Kb / 5P
THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-1307S SOBERTON-WST-1307S Datasheet
290Kb / 5P
THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-1212S SOBERTON-WST-1212S_16 Datasheet
225Kb / 5P
THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-1205S SOBERTON-WST-1205S_16 Datasheet
320Kb / 5P
THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com