Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST-0503 Datasheet(PDF) 4 Page - Soberton Inc.

No. de pieza ST-0503
Descripción Electrónicos  THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SOBERTON [Soberton Inc.]
Página de inicio  http://www.soberton.com
Logo SOBERTON - Soberton Inc.

ST-0503 Datasheet(HTML) 4 Page - Soberton Inc.

  ST-0503_17 Datasheet HTML 1Page - Soberton Inc. ST-0503_17 Datasheet HTML 2Page - Soberton Inc. ST-0503_17 Datasheet HTML 3Page - Soberton Inc. ST-0503_17 Datasheet HTML 4Page - Soberton Inc. ST-0503_17 Datasheet HTML 5Page - Soberton Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: ST-0503
PRODUCT: Electromagnetic Buzzer
EDITION: A/2017
DIMENSIONS
Tolerance:±0.5 (unit: mm)
no
item
material
quantity
1
CASE
LCP
1
2
Core
Ferrum
1
3
Coil
Copper
1
4
Magnet ring
NdFeB
1
5
Diaphragm
Ferrum
1
6
CASE
LCP
1
PAGE 4/5
6
5
4
3
2
1
No.
1
2
3
5
6
4
Components
Material
Q'TY
Core
Coil
Magnet ring
Diaphragm
Case
Ferrum
Case
LCP
NdFeB
Copper
Ferrum
LCP
1
1
1
1
1
1
Tolerance: 0.3mm
Unit:mm
-
SOUND PORT
POSITIVE MARKED
Tolerance: 0.3mm
Unit:mm
-
SOUND PORT
POSITIVE MARKED
Tolerance: 0.3mm
Unit:mm
-
SOUND PORT
POSITIVE MARKED



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com