Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ICH-500 Datasheet(PDF) 9 Page - Murata Power Solutions Inc.

No. de pieza ICH-500
Descripción Electrónicos  Wide Input Isolated Half Brick DC-DC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA-PS [Murata Power Solutions Inc.]
Página de inicio  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ICH-500 Datasheet(HTML) 9 Page - Murata Power Solutions Inc.

Back Button ICH-500 Datasheet HTML 5Page - Murata Power Solutions Inc. ICH-500 Datasheet HTML 6Page - Murata Power Solutions Inc. ICH-500 Datasheet HTML 7Page - Murata Power Solutions Inc. ICH-500 Datasheet HTML 8Page - Murata Power Solutions Inc. ICH-500 Datasheet HTML 9Page - Murata Power Solutions Inc. ICH-500 Datasheet HTML 10Page - Murata Power Solutions Inc. ICH-500 Datasheet HTML 11Page - Murata Power Solutions Inc. ICH-500 Datasheet HTML 12Page - Murata Power Solutions Inc. ICH-500 Datasheet HTML 13Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
www.murata-ps.com/support
MDC_ICH_500W_A04 Page 9 of 17
ICH 500-Watt Series
Wide Input Isolated Half Brick DC-DC
Thermal Consideration
The ICH converter can operate in a variety of thermal environments.
However, in order to ensure reliable operation of the converter,
sufficient cooling should be provided.
The ICH converter is
encapsulated in plastic case with metal baseplate on the top. In order
to improve thermal performance, power components inside the unit
are thermally coupled to the baseplate. In addition, thermal design of
the converter is enhanced by use of input and out pins as heat transfer
elements.
Heat is removed from the converter by conduction,
convection and radiation.
There are several factors such as ambient temperature, airflow,
converter power dissipation, converter orientation how converter is
mounted as well as the need for increased reliability that need to be
taken into account in order to achieve required performance. It is
highly recommended to measure temperature in the middle of the
baseplate in particular application to ensure that proper cooling of the
convert is provided.
A reduction in the operating temperature of the converter will result in
an increased reliability.
Thermal Derating
There are two most common applications: 1) the ICH converter is
thermally attached to a cold plate inside chassis without any forced
internal air circulation; 2) the ICH converter is mounted in an open
chassis on system board with forced airflow with or without an
additional heatsink attached to the baseplate of the ICH converter.
The best thermal results are achieved in application 1) since the
converter is cooled entirely by conduction of heat from the top surface
of the converter to a cold plate and temperature of the components is
determined by the temperature of the cold plate. There is also some
additional heat removal through the converters pins to the metal layers
in the system board. It is highly recommended to solder pins to the
system board rather than using receptacles. Typical derating output
power and current are shown in Figs. 10–15 for various baseplate
temperatures up to 105ºC. Note that operating converter at these
limits for prolonged time will affect reliability.
Soldering Guidelines
The RoHS-compliant through hole ICH converters use Sn/Ag/Cu Pb-
free solder and RoHS compliant components. They are designed to be
processed through wave soldering machines.
The pins are 100%
matte tin over nickel plated and compatible with both Pb and Pb-free
wave soldering processes. It is recommended to follow specifications
below when installing and soldering ICH converters. Exceeding these
specifications may cause damage to the ICH converter.
Wave Solder Guideline for Sn/Ag/Cu based solders
Maximum Preheat Temperature
115ºC
Maximum Pot Temperature
270ºC
Maximum Solder Dwell Time
7 seconds
Wave Solder Guideline for SN/Pb based solders
Maximum Preheat Temperature
105ºC
Maximum Pot Temperature
250ºC
Maximum Solder Dwell Time
6 seconds
ICH converters are not recommended for water wash process. Contact
the factory for additional information if water wash is necessary.
Fig. 2: Test setup for measuring input reflected ripple currents iC and iS.
Fig. 3: Test setup for measuring output voltage ripple, startup and step
load transient waveforms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com