Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ICH-500 Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

No. de pieza ICH-500
Descripción Electrónicos  Wide Input Isolated Half Brick DC-DC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA-PS [Murata Power Solutions Inc.]
Página de inicio  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ICH-500 Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  ICH-500 Datasheet HTML 1Page - Murata Power Solutions Inc. ICH-500 Datasheet HTML 2Page - Murata Power Solutions Inc. ICH-500 Datasheet HTML 3Page - Murata Power Solutions Inc. ICH-500 Datasheet HTML 4Page - Murata Power Solutions Inc. ICH-500 Datasheet HTML 5Page - Murata Power Solutions Inc. ICH-500 Datasheet HTML 6Page - Murata Power Solutions Inc. ICH-500 Datasheet HTML 7Page - Murata Power Solutions Inc. ICH-500 Datasheet HTML 8Page - Murata Power Solutions Inc. ICH-500 Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.murata-ps.com/support
MDC_ICH_500W_A04 Page 5 of 17
ICH 500-Watt Series
Wide Input Isolated Half Brick DC-DC
Electrical Specifications – ICH0518V1
Conditions: Ta = 25ºC, airflow = 300 LFM (1.5m/s), Vin = 24VDC, unless otherwise specified. Specifications subject to change without notice.
Parameter
Notes
Min
Typ
Max
Units
Input Characteristics
Operating Input Voltage Range
9
24
36
V
Input Under Voltage Lockout
Non-latching
Turn-on Threshold
8.2
8.5
8.8
V
Turn-off Threshold
7.7
8
8.3
V
Lockout Hysteresis Voltage
0.4
0.55
0.7
V
Maximum Input Current
Vin = 9V, 80% Load
50.4
A
Vin = 12V, 100% Load
46.2
A
Vin = 24V, Output Shorted
55
mARMS
Input Stand-by Current
Converter Disabled
2
4
mA
Input Current @ No Load
Converter Enabled
240
280
mA
Minimum Input Capacitance (external)
ESR < 0.1
470
µF
Inrush Transient
Vin = 36V (0.4V/µs) no input external capacitor
0.4
1
A2s
Input Terminal Ripple Current, ic
25 MHz bandwidth, 100% Load (Fig. 2)
550
mARMS
Output Characteristics
Output Voltage Range
27.16
28.00
28.84
V
Output Voltage Set Point Accuracy
(50% load)
27.72
28.00
28.28
V
Output Regulation
Over Line
Vin = 9V to 36V
0.05
0.15
%
Over Load
Vin = 24V, Load 0% to 100%
0.08
0.15
%
Temperature Coefficient
0.015
0.03
%/ºC
Overvoltage Protection
32.8
36.4
V
Output Ripple and Noise - 20MHz bandwidth
(Fig. 3) 100% Load,
Cext = 470 µF/70m
+ 1 µF ceramic
280
380
mVPK-PK
50
85
mVRMS
External Load Capacitance
Full Load (resistive)
-40 ºC < Ta < +105 ºC
Cext
ESR
470
2200
µF
10
100
m
Output Current Range (See Fig. A)
Vin = 12V - 36V
0
18
A
Vin = 9V
0
14.3
A
Current Limit Inception
Vin = 12V - 36V
19.8
23.4
A
9V < Vin < 12V
17.8
23.4
A
RMS Short-Circuit Current
Non-latching, Continuous
2.2
6
ARMS
Dynamic Response
Load change 50% - 75% -50%, di/dt = 1A/µs
Co = 470 µF/70m + 1 µF ceramic
±270
±410
mV
Load change 50% - 100% - 50%, di/dt=1A/µs
Co = 470 µF/70m + 1 µF ceramic
±500
mV
Setting Time to 1% of Vout
800
µs
Efficiency
100% Load
Vin = 24V
94.3
95.0
95.7
%
Vin = 12V
93.1
93.8
94.5
%
50% Load
Vin = 24V
95.0
95.7
96.4
%
Vin = 12V
94.1
94.8
95.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com