Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GW-P7LM32.CM Datasheet(PDF) 1 Page - OSRAM GmbH

No. de pieza GW-P7LM32.CM
Descripción Electrónicos  white SMT package, colored diffused silicone resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OSRAM [OSRAM GmbH]
Página de inicio  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GW-P7LM32.CM Datasheet(HTML) 1 Page - OSRAM GmbH

  GW-P7LM32.CM Datasheet HTML 1Page - OSRAM GmbH GW-P7LM32.CM Datasheet HTML 2Page - OSRAM GmbH GW-P7LM32.CM Datasheet HTML 3Page - OSRAM GmbH GW-P7LM32.CM Datasheet HTML 4Page - OSRAM GmbH GW-P7LM32.CM Datasheet HTML 5Page - OSRAM GmbH GW-P7LM32.CM Datasheet HTML 6Page - OSRAM GmbH GW-P7LM32.CM Datasheet HTML 7Page - OSRAM GmbH GW-P7LM32.CM Datasheet HTML 8Page - OSRAM GmbH GW-P7LM32.CM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2018-01-17
1
2018-01-17
DURIS S 10
Datasheet
Version 1.2
GW P7LM32.CM
DURIS® S 10, latest addition of chip-array SMD
family, creates a single spot light design with excellent
color uniformity appearance. In a 7.0x7.0mm footprint,
it’s new level of light output can reach up to 1500lm,
makes it a perfect choice for powerful & cost effective
general lighting solutions.
DURIS® S 10, latest addition of chip-array SMD
family, creates a single spot light design with excellent
color uniformity appearance. In a 7.0x7.0mm footprint,
it’s new level of light output can reach up to 1500lm,
makes it a perfect choice for powerful & cost effective
general lighting solutions.
Features:
Besondere Merkmale:
Package: white SMT package, colored diffused
silicone resin
Gehäusetyp: weißes SMT Gehäuse, farbiger
diffuser Silikon-Verguss
Viewing angle at 50 % I
V: 120°
Abstrahlwinkel bei 50 % I
V: 120°
Color: 2700 K - 4000 K (white)
Farbe: 2700 K - 4000 K (weiß)
CRI: min. 90 ( typ. 92 )
CRI: min. 90 ( typ. 92 )
Luminous Flux: typ. 944 lm @ 3000 K
Lichtstrom: typ. 944 lm @ 3000 K
Luminous efficacy: typ. 111 lm/W @ 3000 K
Lichtausbeute: typ. 111 lm/W @ 3000 K
Applications
Anwendungen
Directional retrofits
Direktionale Retrofits
Downlights
Downlights
Omnidirectional retrofits
Omnidirektionale Retrofits
Spot lights
Spot-Leuchten


Número de pieza similar - GW-P7LM32.CM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
GW-P7LM32.EM OSRAM-GW-P7LM32.EM Datasheet
1Mb / 24P
white SMT package, colored diffused silicone resin
More results

Descripción similar - GW-P7LM32.CM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
LCYW5SM-HZJZ-5E-1 OSRAM-LCYW5SM-HZJZ-5E-1 Datasheet
622Kb / 22P
white SMT package, colored diffused silicone resin
CUW-Y3SH.B1 OSRAM-CUW-Y3SH.B1 Datasheet
591Kb / 23P
white SMT package, colored diffused silicone resin
GW-JDSMS1.EC OSRAM-GW-JDSMS1.EC Datasheet
1Mb / 25P
white SMT package, colored diffused silicone resin
GW-JDSMS1.PC OSRAM-GW-JDSMS1.PC Datasheet
1Mb / 23P
white SMT package, colored diffused silicone resin
GW-JDSTS2.EM OSRAM-GW-JDSTS2.EM Datasheet
3Mb / 26P
white SMT package, colored diffused silicone resin
GW-P9LR32.EM OSRAM-GW-P9LR32.EM Datasheet
2Mb / 24P
white SMT package, colored diffused silicone resin
GW-P9LT32.EM OSRAM-GW-P9LT32.EM Datasheet
1Mb / 24P
white SMT package, colored diffused silicone resin
GW-PSLM31.EM OSRAM-GW-PSLM31.EM Datasheet
1Mb / 25P
white SMT package, colored diffused silicone resin
GW-PSLMS1.EC OSRAM-GW-PSLMS1.EC Datasheet
1Mb / 26P
white SMT package, colored diffused silicone resin
GW-PSLRS1.PC OSRAM-GW-PSLRS1.PC Datasheet
769Kb / 24P
white SMT package, colored diffused silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com