Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SFH-303-FA Datasheet(PDF) 3 Page - OSRAM GmbH

No. de pieza SFH-303-FA
Descripción Electrónicos  NPN-Silizium-Fototransistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OSRAM [OSRAM GmbH]
Página de inicio  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-303-FA Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH-303-FA Datasheet HTML 1Page - OSRAM GmbH SFH-303-FA Datasheet HTML 2Page - OSRAM GmbH SFH-303-FA Datasheet HTML 3Page - OSRAM GmbH SFH-303-FA Datasheet HTML 4Page - OSRAM GmbH SFH-303-FA Datasheet HTML 5Page - OSRAM GmbH SFH-303-FA Datasheet HTML 6Page - OSRAM GmbH SFH-303-FA Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SFH 303 FA
2008-06-20
3
Kennwerte (
T
A = 25 ° C, λ = 950 nm)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Wellenlänge der max. Fotoempfindlichkeit
Wavelength of max. sensitivity
λ
Smax
990
nm
Spektraler Bereich der Fotoempfindlichkeit
S = 10% von S
max
Spectral range of sensitivity
S = 10% of S
max
λ
750
…1120
nm
Bestrahlungsempfindliche Fläche
Radiant sensitive area
A
0.11
mm
2
Abmessung der Chipfläche
Dimensions of chip area
L
× B
L
× W
0.5
× 0.5
mm
× mm
Halbwinkel
Half angle
ϕ± 20
Grad
deg.
Fotostrom der Kollektor-Basis-Fotodiode
Photocurrent of collector-base photodiode
E
e = 0.5 mW/cm
2, V
CB = 5 V
V
CB = 5 V
I
PCB
4.0
µA
Kapazität
Capacitance
V
CE = 0 V, f = 1 MHz, E =0
V
CB = 0 V, f = 1 MHz, E =0
V
EB = 0 V, f = 1 MHz, E =0
C
CE
C
CB
C
EB
7.5
14
19
pF
pF
pF
Dunkelstrom
Dark current
V
CEO = 20 V, E =0
I
CEO
1 (
≤50)
nA
Kollektor-Emitter-Sättigungsspannung
Collector-emitter saturation voltage
(threefold saturated)
V
CEsat
150
mV



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com