Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SFH-303-FA Datasheet(PDF) 1 Page - OSRAM GmbH

No. de pieza SFH-303-FA
Descripción Electrónicos  NPN-Silizium-Fototransistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OSRAM [OSRAM GmbH]
Página de inicio  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-303-FA Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-303-FA Datasheet HTML 1Page - OSRAM GmbH SFH-303-FA Datasheet HTML 2Page - OSRAM GmbH SFH-303-FA Datasheet HTML 3Page - OSRAM GmbH SFH-303-FA Datasheet HTML 4Page - OSRAM GmbH SFH-303-FA Datasheet HTML 5Page - OSRAM GmbH SFH-303-FA Datasheet HTML 6Page - OSRAM GmbH SFH-303-FA Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SFH 303 FA
NPN-Silizium-Fototransistor
Silicon NPN Phototransistor
Lead (Pb) Free Product - RoHS Compliant
SFH 303 FA
2008-06-20
1
Wesentliche Merkmale
• Spektraler Bereich der Fotoempfindlichkeit:
730 nm ...1100 nm
• Gehäuse: 5 mm Radial (T13/4), Harz
• Besonderheit des Bauteils:
- mit Basisanschluss
- hohe Fotoempfindlichkeit
Anwendungen
• Lichtschranken
• Industrieelektronik
• „Messen/Steuern/Regeln“
Typ
Type
Bestellnummer
Ordering Code
Fotostrom,
E
e= 0.5mW/cm
2,
λ = 950nm, V
CE =5 V
Photocurrent
Ipce (mA)
SFH 303 FA
Q62702P0958
≥ 1.0
SFH 303 FA-3/4
Q62702P3587
≥ 1.6
Features
• Spectral Range of Sensitivity:
730 nm ... 1100 nm
• Package: 5 mm Radial (T13/4), Epoxy
• Feature of the device:
- with base connection
- high photosensitivity
Applications
• Photointerrupters
• Industrial electronics
• For control and drive circuits


Número de pieza similar - SFH-303-FA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
SFH-300 OSRAM-SFH-300 Datasheet
444Kb / 9P
Silicon NPN Phototransistor
SFH-300-FA OSRAM-SFH-300-FA Datasheet
265Kb / 9P
Silicon NPN Phototransistor
SFH-3010 OSRAM-SFH-3010 Datasheet
386Kb / 13P
Silicon NPN Phototransistor
SFH-3015-FA OSRAM-SFH-3015-FA Datasheet
451Kb / 14P
Silicon NPN Phototransistor
SFH-305 OSRAM-SFH-305 Datasheet
304Kb / 10P
Mini-Silicon NPN Phototransistor
More results

Descripción similar - SFH-303-FA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BP103B SIEMENS-BP103B Datasheet
163Kb / 5P
NPN-Silizium-Fototransistor NEU: NPN-Silizium-Fototransistor mit Tageslichtsperrfilter
BPX38 SIEMENS-BPX38 Datasheet
315Kb / 6P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH309 SIEMENS-SFH309 Datasheet
281Kb / 6P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH309P SIEMENS-SFH309P Datasheet
274Kb / 5P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
logo
OSRAM GmbH
BPX81 OSRAM-BPX81_01 Datasheet
171Kb / 6P
NPN-Silizium-Fototransistor
SFH305 OSRAM-SFH305_01 Datasheet
184Kb / 6P
Mini-NPN-Silizium-Fototransistor
SFH302 OSRAM-SFH302_01 Datasheet
184Kb / 6P
NPN-Silizium-Fototransistor
SFH3010 OSRAM-SFH3010 Datasheet
56Kb / 6P
NPN-Silizium-Fototransistor
SFH3401 OSRAM-SFH3401_01 Datasheet
72Kb / 7P
NPN-Silizium-Fototransistor
BP-103 OSRAM-BP-103 Datasheet
226Kb / 7P
NPN-Silizium-Fototransistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com