Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SFH-320 Datasheet(PDF) 3 Page - OSRAM GmbH

No. de pieza SFH-320
Descripción Electrónicos  Silicon NPN Phototransistor in SMT TOPLED짰-Package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OSRAM [OSRAM GmbH]
Página de inicio  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-320 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH-320 Datasheet HTML 1Page - OSRAM GmbH SFH-320 Datasheet HTML 2Page - OSRAM GmbH SFH-320 Datasheet HTML 3Page - OSRAM GmbH SFH-320 Datasheet HTML 4Page - OSRAM GmbH SFH-320 Datasheet HTML 5Page - OSRAM GmbH SFH-320 Datasheet HTML 6Page - OSRAM GmbH SFH-320 Datasheet HTML 7Page - OSRAM GmbH SFH-320 Datasheet HTML 8Page - OSRAM GmbH SFH-320 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Version 1.4
SFH 320
2015-12-08
3
Grouping (TA = 25 °C, λ = 950 nm)
Group
Min Photocurrent
Max Photocurrent Typ Photocurrent
Rise and fall time
E
e = 0.1 mW/cm
2,
V
CE = 5 V
E
e = 0.1 mW/cm
2,
V
CE = 5 V
E
V = 1000 lx, Std.
Light A, V
CE = 5 V
I
C = 1 mA, VCC = 5
V, R
L = 1 kΩ
I
PCE, min [µA]
I
PCE, max [µA]
I
PCE [µA]
t
r, tf [µs]
-2
16
32
420
6
-3
25
50
650
7
-4
40
80
1000
8
Group
Collector-emitter saturation voltage
IC = IPCEmin x 0.3, Ee = 0.1 mW/cm
2
VCEsat [mV]
-2
150
-3
150
-4
150
Note.:
IPCEmin is the min. photocurrent of the specified group.
Relative Spectral Sensitivity 1) page 13
Srel = f(λ)
Photocurrent 1) page 13
IPCE = f(Ee), VCE = 5 V
0
OHF00207
400
Srel
λ
nm
%
500 600 700 800 900
1100
10
20
30
40
50
60
70
80
100
E
OHF01924
e
PCE
Ι
10
-1
10
-3
10
-2
10
0
10
0
10
1
10
2
10
3
2
mW/cm
2
3
4
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com