Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SFH-320 Datasheet(PDF) 2 Page - OSRAM GmbH

No. de pieza SFH-320
Descripción Electrónicos  Silicon NPN Phototransistor in SMT TOPLED짰-Package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OSRAM [OSRAM GmbH]
Página de inicio  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-320 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH-320 Datasheet HTML 1Page - OSRAM GmbH SFH-320 Datasheet HTML 2Page - OSRAM GmbH SFH-320 Datasheet HTML 3Page - OSRAM GmbH SFH-320 Datasheet HTML 4Page - OSRAM GmbH SFH-320 Datasheet HTML 5Page - OSRAM GmbH SFH-320 Datasheet HTML 6Page - OSRAM GmbH SFH-320 Datasheet HTML 7Page - OSRAM GmbH SFH-320 Datasheet HTML 8Page - OSRAM GmbH SFH-320 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2015-12-08
2
Version 1.4
SFH 320
Maximum Ratings (TA = 25 °C)
Characteristics (TA = 25 °C)
Parameter
Symbol
Values
Unit
Operating and storage temperature range
T
op; Tstg
-40 ... 100
°C
Collector-emitter voltage
V
CE
35
V
Collector current
I
C
15
mA
Collector surge current
(τ < 10 µs)
I
CS
75
mA
Total Power dissipation
Ptot
165
mW
ESD withstand voltage
(acc. to ANSI/ ESDA/ JEDEC JS-001 - HBM)
VESD
2000
V
Thermal resistance for mounting on pcb
RthJA
450
K/W
Parameter
Symbol
Values
Unit
Wavelength of max. sensitivity
(typ)
λ
S max
980
nm
Spectral range of sensitivity
(typ)
λ
10%
(typ) 450
... 1150
nm
Radiant sensitive area
(ø 220µm)
(typ)
A
0.038
mm2
Dimensions of chip area
(typ)
L x W
(typ) 0.45 x
0.45
mm x
mm
Half angle
(typ)
ϕ
± 60
°
Capacitance
(V
CE = 0 V, f = 1 MHz, E = 0)
(typ)
CCE
5
pF
Dark current
(V
CE = 20 V, E = 0)
(typ (max)) I
CE0
1 (≤ 50)
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com