Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AP4606P Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

No. de pieza AP4606P
Descripción Electrónicos  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  A-POWER [Advanced Power Electronics Corp.]
Página de inicio  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4606P Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP4606P Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4606P Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4606P Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4606P Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4606P Datasheet HTML 5Page - Advanced Power Electronics Corp. AP4606P Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AP4606P
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Drain Current v.s. Case
Fig 12. Transfer Characteristics
Temperature
4
0
2
4
6
8
10
12
0
20
40
60
80
100
120
Q G , Total Gate Charge (nC)
I D =40 A
V DS =32V
0
1000
2000
3000
4000
5000
1
1121
314151
V DS ,Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthjc + TC
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
0.1
1
10
100
1000
0.1
1
10
100
V DS , Drain-to-Source Voltage (V)
T C =25
o C
Single Pulse
100us
1ms
10ms
100ms
DC
Operation in this
area limited by
RDS(ON)
0
40
80
120
160
25
75
125
175
T C , Case Temperature (
o C )
Limited by package
0
40
80
120
160
200
02468
10
V GS , Gate-to-Source Voltage (V)
T j =175
o C
T j =25
o C
V DS =5V
T j = -55
o C



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com