Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AP4606P Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

No. de pieza AP4606P
Descripción Electrónicos  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  A-POWER [Advanced Power Electronics Corp.]
Página de inicio  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4606P Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP4606P Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4606P Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4606P Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4606P Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4606P Datasheet HTML 5Page - Advanced Power Electronics Corp. AP4606P Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
3
AP4606P
0
100
200
300
400
0
4
8
12
16
20
V DS , Drain-to-Source Voltage (V)
T C =25
o C
10V
9.0V
8.0V
7.0V
V G = 6.0V
0
40
80
120
160
200
02
46
8
V DS , Drain-to-Source Voltage (V)
10V
9.0V
8.0V
7.0V
V G =6.0V
T C = 175
o C
2
4
6
8
10
567
89
10
V GS Gate-to-Source Voltage (V)
I D =40A
T C =25
o C
0.4
0.8
1.2
1.6
2.0
2.4
2.8
-100
-50
0
50
100
150
200
T j , Junction Temperature (
o C)
I D =40A
V G =10V
0
10
20
30
40
0
0.2
0.4
0.6
0.8
1
1.2
V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =175
o C
0
0.4
0.8
1.2
1.6
2
-100
-50
0
50
100
150
200
T j ,Junction Temperature (
o C)
I D =1mA



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com