Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSB41BA3PFP Datasheet(PDF) 24 Page - Texas Instruments

No. de pieza TSB41BA3PFP
Descripción Electrónicos  IEEE1394B THREE PORT CABLE TRANSCEIVER/ARBITER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3PFP Datasheet(HTML) 24 Page - Texas Instruments

Back Button TSB41BA3PFP Datasheet HTML 20Page - Texas Instruments TSB41BA3PFP Datasheet HTML 21Page - Texas Instruments TSB41BA3PFP Datasheet HTML 22Page - Texas Instruments TSB41BA3PFP Datasheet HTML 23Page - Texas Instruments TSB41BA3PFP Datasheet HTML 24Page - Texas Instruments TSB41BA3PFP Datasheet HTML 25Page - Texas Instruments TSB41BA3PFP Datasheet HTML 26Page - Texas Instruments TSB41BA3PFP Datasheet HTML 27Page - Texas Instruments TSB41BA3PFP Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 63 page
background image
TSB41BA3
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS155A − MAY 2003 − REVISED OCTOBER 2003
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
power-class programming
The S2_PC0, S1_PC1, and S2_PC2 terminals can be used in some port speed/mode selections to set the
default value of the power-class indicated in the pwr field (bits 21−23) of the transmitted self-ID packet.
Descriptions of the various power-classes are given in Table 10. The default power-class value is loaded
following a hardware reset, but is overridden by any value subsequently loaded into the Pwr_Class field in
register 4.
Table 10. Power Class Descriptions
PC0−PC2
DESCRIPTION
000
Node does not need power and does not repeat power.
001
Node is self-powered and provides a minimum of 15 W to the bus.
010
Node is self-powered and provides a minimum of 30 W to the bus.
011
Node is self-powered and provides a minimum of 45 W to the bus.
100
Node may be powered from the bus and is using up to 3 W, no additional power is needed to enable the link. The node may also
provide power to the bus. The amount of bus power that it provides can be found in the configuration ROM.
101
Reserved for future standardization.
110
Node is powered from the bus and uses up to 3 W. An additional 3 W is needed to enable the link.
111
Node is powered from the bus and uses up to 3 W. An additional 7 W is needed to enable the link.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com