Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSB41BA3PFP Datasheet(PDF) 23 Page - Texas Instruments

No. de pieza TSB41BA3PFP
Descripción Electrónicos  IEEE1394B THREE PORT CABLE TRANSCEIVER/ARBITER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3PFP Datasheet(HTML) 23 Page - Texas Instruments

Back Button TSB41BA3PFP Datasheet HTML 19Page - Texas Instruments TSB41BA3PFP Datasheet HTML 20Page - Texas Instruments TSB41BA3PFP Datasheet HTML 21Page - Texas Instruments TSB41BA3PFP Datasheet HTML 22Page - Texas Instruments TSB41BA3PFP Datasheet HTML 23Page - Texas Instruments TSB41BA3PFP Datasheet HTML 24Page - Texas Instruments TSB41BA3PFP Datasheet HTML 25Page - Texas Instruments TSB41BA3PFP Datasheet HTML 26Page - Texas Instruments TSB41BA3PFP Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 63 page
background image
TSB41BA3
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS155A − MAY 2003 − REVISED OCTOBER 2003
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
The vendor identification page identifies the vendor/manufacturer and compliance level. The page is selected
by writing 1 to the Page_Select field in base register 7. Table 6 shows the configuration of the vendor
identification page, and Table 7 shows the corresponding field descriptions.
Table 6. Page 1 (Vendor ID) Register Configuration
BIT POSITION
Address
0
1
2
3
4
5
6
7
1000
Compliance
1001
Reserved
1010
Vendor_ID[0]
1011
Vendor_ID[1]
1100
Vendor_ID[2]
1101
Product_ID[0]
1110
Product_ID[1]
1111
Product_ID[2]
Table 7. Page 1 (Vendor ID) Register Field Descriptions
FIELD
SIZE
TYPE
DESCRIPTION
Compliance
8
Rd
Compliance level. For the TSB41BA3 this field is 02h, indicating compliance with the 1394b-2002 specification.
Vendor_ID
24
Rd
Manufacturer’s organizationally unique identifier (OUI). For the TSB41BA3 this field is 08_00_28h (Texas
Instruments) (the MSB is at register address 1010b).
Product_ID
24
Rd
Product identifier. For the TSB41BA3 this field is 83_30_01h (the MSB is at register address 1101b).
The vendor-dependent page provides access to the special control features of the TSB41BA3, as well as
configuration and status information used in manufacturing test and debug. This page is selected by writing 7
to the Page_Select field in base register 7. Table 8 shows the configuration of the vendor-dependent page, and
Table 9 shows the corresponding field descriptions.
Table 8. Page 7 (Vendor-Dependent) Register Configuration
BIT POSITION
Address
0
1
2
3
4
5
6
7
1000
Reserved
Reserved
1001
Reserved for test
1010
Reserved for test
1011
Reserved for test
1100
Reserved for test
1101
Reserved for test
1110
SWR
Reserved for test
1111
Reserved for test
Table 9. Page 7 (Vendor-Dependent) Register Field Descriptions
FIELD
SIZE
TYPE
DESCRIPTION
SWR
1
Rd/Wr
Software hard reset. Writing a 1 to this bit forces a hard reset of the PHY (same effect as momentarily
asserting the RESETz terminal low). This bit is always read as a 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com