Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSB41BA3PFP Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza TSB41BA3PFP
Descripción Electrónicos  IEEE1394B THREE PORT CABLE TRANSCEIVER/ARBITER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3PFP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TSB41BA3PFP Datasheet HTML 3Page - Texas Instruments TSB41BA3PFP Datasheet HTML 4Page - Texas Instruments TSB41BA3PFP Datasheet HTML 5Page - Texas Instruments TSB41BA3PFP Datasheet HTML 6Page - Texas Instruments TSB41BA3PFP Datasheet HTML 7Page - Texas Instruments TSB41BA3PFP Datasheet HTML 8Page - Texas Instruments TSB41BA3PFP Datasheet HTML 9Page - Texas Instruments TSB41BA3PFP Datasheet HTML 10Page - Texas Instruments TSB41BA3PFP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
TSB41BA3
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS155A − MAY 2003 − REVISED OCTOBER 2003
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
TYPE
NO.
I/O
DESCRIPTION
AGND
Supply
21, 40, 43,
50, 61, 62
−
Analog circuit ground terminals. These terminals must be tied together to the low-impedance circuit
board ground plane.
AVDD
Supply
24, 39, 44,
51, 57, 63
−
Analog circuit power terminals. A combination of high-frequency decoupling capacitors near each
terminal are suggested, such as paralleled 0.1
µF and 0.001 µF. Lower frequency 10-µF filtering
capacitors are also recommended. These supply terminals are separated from the PLLVDD-1.8,
PLLVDD-3.3, DVDD-1.8, and DVDD-3.3 terminals internal to the device to provide noise isolation.
The PLLVDD-3.3, AVDD, and DVDD-3.3 terminals must be tied together with a low dc impedance
connection on the circuit board.
BMODE
CMOS
74
I
Beta-mode input. This terminal determines the PHY-link interface connection protocol. When logic
high (asserted), the PHY-link interface complies with the 1394b-2002 B PHY-link interface. When
logic low (deasserted), the PHY-link interface complies with the legacy 1394a-2000 standard.
When using an LLC such as the 1394b-2002 TSB82AA2, this terminal must be pulled high. When
using an LLC such as the 1394a-2000 TSB12LV26, this terminal must be tied low.
NOTE: The PHY-link interface cannot be changed between the different protocols during operation.
CPS
CMOS
34
I
Cable power status input. This terminal is normally connected to cable power through a 400-k
Ω
resistor. This circuit drives an internal comparator that detects the presence of cable power. This
transition from cable power sensed to cable power not sensed may be used to generate an interrupt
to the LLC.
CTL0
CTL1
CMOS
9
10
I/O
Control I/Os. These bidirectional signals control communication between the TSB41BA3 and the
LLC. Bus holders are built into these terminals.
D0−D7
CMOS
11, 12, 13,
15, 16, 17,
19, 20
I/O
Data I/Os. These are bidirectional data signals between the TSB82BA3 and the LLC. Bus holders
are built into these terminals.
If power management control (PMC) is selected using LCLK_PMC, then some of these terminals
may be used for PMC. See the LCLK_PMC terminal description for more information.
DGND
Supply
4, 14, 38,
64, 72, 76
Digital circuit ground terminals. These terminals must be tied together to the low-impedance circuit
board ground plane.
DVDD-1.8
Supply
8, 37, 65,
71
−
Digital 1.8-V circuit power terminals. A combination of high-frequency decoupling capacitors near
each terminal are suggested, such as paralleled 0.1
µF and 0.001 µF. An additional 1-µF capacitor
is required for voltage regulation. These supply terminals are separated from the DVDD-3.3,
PLLVDD-1.8, PLLVDD-3.3, and AVDD terminals internal to the device to provide noise isolation.
DVDD-3.3
Supply
6, 18, 69,
70
−
Digital 3.3-V circuit power terminals. A combination of high-frequency decoupling capacitors near
each terminal are suggested, such as paralleled 0.1
µF and 0.001 µF. Lower frequency 10-µF
filtering capacitors are also recommended. The DVDD-3.3 terminals must be tied together at a
low-impedance point on the circuit board. These supply terminals are separated from the
PLLVDD-1.8, PLLVDD-3.3, DVDD-1.8, and AVDD terminals internal to the device to provide noise
isolation. The PLLVDD-3.3, AVDD, and DVDD-3.3 terminals must be tied together with a low dc
impedance connection on the circuit board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com