Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Preview PDF HTML

K72 Marking, 2N7002DW Datasheet(PDF) 3 Page - Diodes Incorporated

No. de pieza 2N7002DW
Descripción Electrónicos  DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2N7002DW Datasheet(HTML) 3 Page - Diodes Incorporated

  2N7002DW Datasheet HTML 1Page - Diodes Incorporated 2N7002DW Datasheet HTML 2Page - Diodes Incorporated 2N7002DW Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
D
S30120 Rev. 2P-1
3 of 3
2N7002DW
0
0.2
0.4
0.6
0.8
1.0
01
2
3
4
5
V , DRAIN-SOURCE VOLTAGE (V)
Fig. 1 On-Region Characteristics
DS
V = 10V
9.0V
8.0V
7.0V
6.5V
6.0V
5.0V
4.5V
4.0V
3.5V
3.0V
2.5V
2.0/1.0V
GS
5.5V
5.0V
0
1
2
3
4
5
0
0.2
I , DRAIN CURRENT (A)
Fig. 2 On-Resistance vs Drain Current
D
V = 5.0V
GS
T = 25 C
j
°
V = 10V
GS
6
7
0.4
0.6
0.8
1.0
0
0.5
1.0
1.5
2.0
-55 -30
-5
20
45
70
95
120 145
T , JUNCTION TEMPERATURE ( C)
Fig. 3 On-Resistance vs Junction Temperature
j
°
VGS = 10V, ID = 0.5A
V
= 5.0V, I
GS
D = 0.05A
0
V , GATE TO SOURCE VOLTAGE (V)
Fig. 4 On-Resistance vs. Gate-Source Voltage
GS
D
I = 50mA
1
2
3
4
5
6
0
2
4
6
8
10
1214
1618
D
I = 500mA



Html Pages

1 2 3