| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
K72 Marking, 2N7002DW Datasheet(PDF) 2 Page - Diodes Incorporated |
|
||||||||||||||||||||||||||||||
2N7002DW Datasheet(HTML) 2 Page - Diodes Incorporated |
|
2 / 3 page ![]() D S30120 Rev. 2P-1 2 of 3 2N7002DW Electrical Characteristics @ TA = 25 °C unless otherwise specified Characteristic Symbol Min Typ Max Unit Test Condition OFF CHARACTERISTICS (Note 2) Drain-Source Breakdown Voltage BVDSS 60 70 ¾ V VGS = 0V, ID = 10 mA Zero Gate Voltage Drain Current @ TC = 25°C @ TC = 125°C IDSS ¾¾ 1.0 500 µA VDS = 60V, VGS = 0V Gate-Body Leakage IGSS ¾¾ ±10 nA VGS = ±20V, VDS = 0V ON CHARACTERISTICS (Note 2) Gate Threshold Voltage VGS(th) 1.0 ¾ 2.0 V VDS =VGS, ID =-250 mA Static Drain-Source On-Resistance @ Tj = 25°C @Tj = 125°C RDS (ON) ¾ 3.2 4.4 7.5 13.5 W VGS = 5.0V, ID = 0.05A VGS = 10V, ID = 0.5A On-State Drain Current ID(ON) 0.5 1.0 ¾ A VGS = 10V, VDS = 7.5V Forward Transconductance gFS 80 ¾¾ mS VDS =10V, ID = 0.2A DYNAMIC CHARACTERISTICS Input Capacitance Ciss ¾ 22 50 pF VDS = 25V, VGS = 0V f = 1.0MHz Output Capacitance Coss ¾ 11 25 pF Reverse Transfer Capacitance Crss ¾ 2.0 5.0 pF SWITCHING CHARACTERISTICS Turn-On Delay Time tD(ON) ¾ 7.0 20 ns VDD = 30V, ID = 0.2A, RL = 150 W,VGEN = 10V, RGEN = 25 W Turn-Off Delay Time tD(OFF) ¾ 11 20 ns Note: 1. Valid provided that terminals are kept at specified ambient temperature. 2. Pulse width £ 300ms, duty cycle £ 2%. |