| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
K72 Marking, 2N7002DW Datasheet(PDF) 1 Page - Diodes Incorporated |
|
||||||||||||||||||||||||||||||
2N7002DW Datasheet(HTML) 1 Page - Diodes Incorporated |
|
1 / 3 page ![]() D S30120 Rev. 2P-1 1 of 3 2N7002DW 2N7002DW DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR Features · Dual N-Channel MOSFET · Low On-Resistance · Low Gate Threshold Voltage · Low Input Capacitance · Fast Switching Speed · Low Input/Output Leakage · Ultra-Small Surface Mount Package Maximum Ratings @ TA = 25 °C unless otherwise specified Characteristic Symbol 2N7002DW Units Drain-Source Voltage VDSS 60 V Drain-Gate Voltage RGS £ 1.0MW VDGR 60 V Gate-Source Voltage (Note 1) Continuous Pulsed VGSS ±20 ±40 V Drain Current (Note 1) Continuous Continuous @ 100°C Pulsed ID 115 73 800 mA Total Power Dissipation Derating above TA = 25°C (Note 1) Pd 200 1.60 mW mW/°C Thermal Resistance, Junction to Ambient RqJA 625 K/W Operating and Storage Temperature Range Tj,TSTG -55 to +150 °C Note: 1. Valid provided that terminals are kept at specified ambient temperature. 2. Pulse width £ 300ms, duty cycle £ 2%. A M J L F D B C H K KXX G1 S1 S2 G2 D1 D2 Mechanical Data · Case: SOT-363, Molded Plastic · Terminals: Solderable per MIL-STD-202, Method 208 · Terminal Connections: See Diagram · Marking: K72 · Weight: 0.006 grams (approx.) SOT-363 Dim Min Max A 0.10 0.30 B 1.15 1.35 C 2.00 2.20 D 0.65 Nominal F 0.30 0.40 H 1.80 2.20 J ¾ 0.10 K 0.90 1.00 L 0.25 0.40 M 0.10 0.25 All Dimensions in mm |
Descripción similar - 2N7002DW |