| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
K72 Marking, 2N7002K Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
||||||||||||||||||||||||||||||
2N7002K Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
1 / 4 page ![]() SOT-23 FEATURE z High density cell design for Low RDS(on) z Voltage controlled small signal switch 1. GATE 2. SOURCE z Rugged and reliable 3. DRAIN High saturation current capability M Equivalent circuit MOSFET MAXIMUM RATINGS (Ta = 25°C unless otherwise noted) Symbol Parameter Value Unit VDS Drain-Source voltage 60 V ID Drain Current 300 mA PD Power Dissipation 0.35 W TJ Junction Temperature 150 ℃ Tstg Storage Temperature -55 ~+150 ℃ RθJA Thermal Resistance fromJunction to Ambient 357 ℃ /W z z ESD protected VGS Gate-Source voltage ±20 V V(BR)DSS RDS(on)MAX ID 60 V 3Ω@10V 300mA 4 Ω@4.5V APPLICATION Load Switch for Portable Devices DC/DC Converter 1 2 3 K72 2N7002K Enhancement Mode Power MOSFET N-Channel Rev : www.leiditech.com 01.06.2018 1/4 |
Descripción similar - 2N7002K |