| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
K72 Marking, 2N7002K Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
||||||||||||||||||||||||||||||
2N7002K Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
3 / 4 page ![]() 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1E-3 0.01 0.1 1 2 012 345 0.0 0.4 0.8 1.2 0 300 600 900 1200 1500 0 1 2 3 4 5 024 68 10 0 2 4 6 8 10 02 46 8 0.0 0.4 0.8 1.2 25 50 75 100 125 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 T a =25℃ Pulsed Pulsed T a =100℃ V SD I S —— T a =25℃ SOURCE TO DRAIN VOLTAGE V SD (V) V GS =5V,6V,7V,10V V GS =4V V GS =3V Output Characteristics DRAIN TO SOURCE VOLTAGE V DS (V) T a =25℃ Pulsed V GS =10V V GS =4.5V T a =25℃ Pulsed DRAIN CURRENT I D (mA) I D —— R DS(ON) GATE TO SOURCE VOLTAGE V GS (V) V GS —— R DS(ON) I D =500mA V DS =3V Pulsed GATE TO SOURCE VOLTAGE V GS (V) Transfer Characteristics T a =100℃ T a =25℃ I D =250uA Threshold Voltage JUNCTION TEMPERATURE T j ( ) ℃ Typical Characteristics 2N7002K Rev : www.leiditech.com 01.06.2018 3/4 |