Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RST-15K-HV Datasheet (PDF) - Mean Well Enterprises Co., Ltd.

RST-15K-HV Datasheet PDF - Mean Well Enterprises Co., Ltd.
No. de pieza RST-15K-HV
Descarga  RST-15K-HV Descarga
Tamaño del archivo   393.94 Kbytes
Page   11 Pages
Fabricante Electrónico  MEANWELL [Mean Well Enterprises Co., Ltd.]
Página de inicio  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Descripción Electrónicos 15KW 3ψ4W Input With High Voltage Output

RST-15K-HV Datasheet (PDF)

Go To PDF Page Descarga Datasheet
RST-15K-HV Datasheet PDF - Mean Well Enterprises Co., Ltd.

No. de pieza RST-15K-HV
Descarga  RST-15K-HV Click to download

Tamaño del archivo   393.94 Kbytes
Page   11 Pages
Fabricante Electrónico  MEANWELL [Mean Well Enterprises Co., Ltd.]
Página de inicio  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Descripción Electrónicos 15KW 3ψ4W Input With High Voltage Output

RST-15K-HV Datasheet (HTML) - Mean Well Enterprises Co., Ltd.


RST-15K-HV Detalles de producto

Features
- 3¢ 3-wire / A196~305VAC or 3% 4-wire /Y 340~530VAC
- High efficiency up to 94%
- Forced air cooling
- Output voltage and constant current level programmable
- Wide voltage adjustment range 1~120%
- Active current sharing up to 2 units(28.5KW)
- Built-in remote ON-OFF control / Alarm signal
- Protections: Short circuit / Overload / Over voltage / Over temperature / Fan fail
- 5 years warranty

Applications
- Energy & power system
- U.V or laser diode application
- Electrolysis system
- Factory control or automation apparatus
- Burn-in facility
- RF application
- EV charging station




Número de pieza similar - RST-15K-HV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Beijing Yaohuadechang E...
RST-150-1000A/0.333V YHDC-RST-150-1000A/0.333V Datasheet
707Kb / 1P
Soft Roche Coil
More results


Descripción similar - RST-15K-HV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsubishi Electric Sem...
M62520FP MITSUBISHI-M62520FP Datasheet
32Kb / 4P
HIGH PRECISION LOW INPUT/OUTPUT DIFFERENTIAL 3.3V FIXED OUTPUT VOLTAGE REGULATOR WITH RESET
M62525FP MITSUBISHI-M62525FP Datasheet
38Kb / 4P
HIGH PRECISION LOW INPUT/OUTPUT DIFFERENTIAL 3.3V, 2.5V FIXED OUTPUT VOLTAGE REGULATOR WITH RESET
logo
Recom International Pow...
RP3.75D2 RECOM-RP3.75D2_06 Datasheet
44Kb / 1P
High Voltage Input/Output Series
logo
TAITRON Components Inco...
15KP17A TAITRON-15KP17A Datasheet
175Kb / 4P
15KW Transient Voltage Suppressor
logo
Lite-On Technology Corp...
LTV-817C LITEON-LTV-817C Datasheet
600Kb / 15P
High input-output isolation voltage
logo
Hotchip Technology Co.,...
HT9261 HOTCHIP-HT9261 Datasheet
1Mb / 13P
Deliver 200mA at 3.3V Output voltage with 1.8V input Voltage
logo
Shanghai Leiditech Elec...
15KP LEIDITECH-15KP Datasheet
653Kb / 5P
15KW Transient Voltage Suppressor
logo
First Silicon Co., Ltd
JC357 FS-JC357 Datasheet
572Kb / 6P
High isolation voltage between input and output
logo
Maxim Integrated Produc...
MAX17019 MAXIM-MAX17019 Datasheet
1Mb / 27P
High-Input-Voltage Quad-Output Controller
Rev 2; 5/18
logo
Mean Well Enterprises C...
RST-7K5-HV MEANWELL-RST-7K5-HV Datasheet
465Kb / 15P
7.5KW 3ψ4W Input With High Voltage Output
2023-02-03
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com