Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RST-15K-HV Datasheet(PDF) 7 Page - Mean Well Enterprises Co., Ltd.

No. de pieza RST-15K-HV
Descripción Electrónicos  15KW 3ψ4W Input With High Voltage Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MEANWELL [Mean Well Enterprises Co., Ltd.]
Página de inicio  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RST-15K-HV Datasheet(HTML) 7 Page - Mean Well Enterprises Co., Ltd.

Back Button RST-15K-HV Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RST-15K-HV Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. RST-15K-HV Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. RST-15K-HV Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. RST-15K-HV Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. RST-15K-HV Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. RST-15K-HV Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. RST-15K-HV Datasheet HTML 10Page - Mean Well Enterprises Co., Ltd. RST-15K-HV Datasheet HTML 11Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
File Name:RST-15K-HV-SPEC 2023-02-03
15KW
Input With High Voltage Output
3W
ψ4
RST
- 15K-HV series
4.Remote ON-OFF Control
※ The power supply can be turned ON-OFF by using the "Remote ON-OFF" function.
power supply OFF
Between
(
5) and 12V-AUX(
)
Remote ON-OFF CN25 pin
CN25 pin1
Output Status
power supply ON
Table 4.1
Switch open (Open)
Switch close (Short)
5.Alarm Signal Output
※ There are 4 alarm signals on CN22, and each signal can select two types of output circuit.
(1)Relay contact output {OTP1, OTP1-GND) ; (DC-OK1, DC-OK1-GND) ; (AC-FAIL1-GND, AC-FAIL1) ; (FAN-FAIL1-GND, FAN-FAIL1)}
(2)Open collector output {DC-OK2-GND, DC-OK2) ; (AC-FAIL2-GND, AC-FAIL2) ; (OTP2, OTP2-GND) ; (FAN-FAIL2, FAN-FAIL2-GND)}
Normally open contact. "Short" when the alarm arises. Relay contact rating(maximum) is 30V/1A resistive.
An external voltage source is required for this function that is shown in Fig 5.2. These signals are isolated from output. The maximum sink current is
10mA and the maximum external voltage is 20V (there is a built-in 24V zener diode in inner circuitry).
Fig 5.1
R
V
Fig 5.2
Fig 4.1
+V
-V
DIP SW
SVR
CN26
CN27
CN22
CN25
PIN1 12V-AUX
PIN2 GND-AUX
PIN5 RC+
PIN6 RC-
CN25
DC-OK2
GND-AUX
12V-AUX
RST-15K
DC-OK2-GND
AC-FAIL2
OTP2
FAN-FAIL2
AC-FAIL2-GND
OTP2-GND
FAN-FAIL2-GND
10K x4pcs
?
Applica on
Circuit
RC+
GND-AUX
12V-AUX
RC-
RST-15K
SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com