Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RST-7K5-HV Datasheet (PDF) - Mean Well Enterprises Co., Ltd.

RST-7K5-HV Datasheet PDF - Mean Well Enterprises Co., Ltd.
No. de pieza RST-7K5-HV
Descarga  RST-7K5-HV Descarga
Tamaño del archivo   465.85 Kbytes
Page   15 Pages
Fabricante Electrónico  MEANWELL [Mean Well Enterprises Co., Ltd.]
Página de inicio  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Descripción Electrónicos 7.5KW 3ψ4W Input With High Voltage Output

RST-7K5-HV Datasheet (PDF)

Go To PDF Page Descarga Datasheet
RST-7K5-HV Datasheet PDF - Mean Well Enterprises Co., Ltd.

No. de pieza RST-7K5-HV
Descarga  RST-7K5-HV Click to download

Tamaño del archivo   465.85 Kbytes
Page   15 Pages
Fabricante Electrónico  MEANWELL [Mean Well Enterprises Co., Ltd.]
Página de inicio  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Descripción Electrónicos 7.5KW 3ψ4W Input With High Voltage Output

RST-7K5-HV Datasheet (HTML) - Mean Well Enterprises Co., Ltd.


RST-7K5-HV Detalles de producto

Features
- 3¢ 3-wire / /A 196~305VAC or 3¢ 4-wire / Y 340~530VAC
- High efficiency up to 95%
- Water / forced air cooling selectable
- Output voltage and constant current level programmable
- Wide voltage adjustment range 1~120%
- Active current sharing up to 4 units(28.5KW)
- Built-in remote ON-OFF control / Alarm signal
- Protections: Short circuit / Overload / Over voltage / Over temperature / Fan fail
- 5 years warranty

Applications
- Energy & power system
- U.V or laser diode application
- Electrolysis system
- Factory control or automation apparatus
- Burn-in facility
- RF application
- EV charging station




Número de pieza similar - RST-7K5-HV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Beijing Yaohuadechang E...
RST-090-400A YHDC-RST-090-400A Datasheet
707Kb / 1P
Soft Roche Coil
RST-090-400A/0.333V YHDC-RST-090-400A/0.333V Datasheet
707Kb / 1P
Soft Roche Coil
logo
Altech corporation
RST-1 ALTECH-RST-1 Datasheet
502Kb / 2P
RS Series Relay Modules
logo
Beijing Yaohuadechang E...
RST-100-800A/0.333V YHDC-RST-100-800A/0.333V Datasheet
707Kb / 1P
Soft Roche Coil
logo
Mean Well Enterprises C...
RST-10000 MEANWELL-RST-10000 Datasheet
427Kb / 10P
3? 3-WIRE/ 196~305VAC OR 3? 4-WIRE/Y 340~530VAC WIDE INPUT RANGE
More results


Descripción similar - RST-7K5-HV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsubishi Electric Sem...
M62520FP MITSUBISHI-M62520FP Datasheet
32Kb / 4P
HIGH PRECISION LOW INPUT/OUTPUT DIFFERENTIAL 3.3V FIXED OUTPUT VOLTAGE REGULATOR WITH RESET
M62525FP MITSUBISHI-M62525FP Datasheet
38Kb / 4P
HIGH PRECISION LOW INPUT/OUTPUT DIFFERENTIAL 3.3V, 2.5V FIXED OUTPUT VOLTAGE REGULATOR WITH RESET
logo
Nihon Inter Electronics...
PVD75-12 NIEC-PVD75-12 Datasheet
66Kb / 3P
PIM MODULE 7.5KW 400V
logo
Lite-On Technology Corp...
LTV-352T LITEON-LTV-352T Datasheet
151Kb / 8P
High current transfer ratio, High input-output isolation voltage
logo
Recom International Pow...
RP3.75D2 RECOM-RP3.75D2_06 Datasheet
44Kb / 1P
High Voltage Input/Output Series
logo
Lite-On Technology Corp...
LTV-817C LITEON-LTV-817C Datasheet
600Kb / 15P
High input-output isolation voltage
logo
Hotchip Technology Co.,...
HT9261 HOTCHIP-HT9261 Datasheet
1Mb / 13P
Deliver 200mA at 3.3V Output voltage with 1.8V input Voltage
logo
First Silicon Co., Ltd
JC357 FS-JC357 Datasheet
572Kb / 6P
High isolation voltage between input and output
logo
Maxim Integrated Produc...
MAX17019 MAXIM-MAX17019 Datasheet
1Mb / 27P
High-Input-Voltage Quad-Output Controller
Rev 2; 5/18
logo
Mean Well Enterprises C...
RST-15K-HV MEANWELL-RST-15K-HV Datasheet
393Kb / 11P
15KW 3ψ4W Input With High Voltage Output
2023-02-03
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com