| Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
 Rohm |
RQ5E030AJ
|
2Mb / 12P |
Nch 30V 3A Middle Power MOSFET
|
|
2SAR552P5
|
1Mb / 9P |
Middle Power Transistors (-30V / -3A)
|
|
2SCR552P5
|
1Mb / 9P |
Middle Power Transistors (30V / 3A)
|
|
2SAR293PFRA
|
1Mb / 8P |
Middle Power Transistor (-30V / -1A)
|
|
2SAR512PFRA
|
1Mb / 8P |
Middle Power Transistor(-30V/-2A)
|
|
2SAR533PFRA
|
1Mb / 8P |
Middle Power Transistor(-50V / -3A)
|
|
2SAR542PFRA
|
1Mb / 8P |
Middle Power Transistor (-30V / -5A)
|
|
2SCR293PFRA
|
1Mb / 8P |
Middle Power Transistor (30V / 1A)
|
|
2SCR533PFRA
|
1Mb / 8P |
Middle Power Transistor (50V / 3A)
|
|
2SCR552PFRA
|
1Mb / 8P |
Middle Power Transistor (30V / 3A)
|