| Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
 Rohm |
2SAR542F3TR
|
722Kb / 7P |
PNP -3.0A -30V Middle Power Transistor
|
|
2SAR512PFRA
|
1Mb / 8P |
Middle Power Transistor(-30V/-2A)
|
|
2SAR513PFRA
|
1Mb / 8P |
Middle Power Transistor(-50V / -1A)
|
|
2SAR542PFRA
|
1Mb / 8P |
Middle Power Transistor (-30V / -5A)
|
|
2SAR552PFRA
|
1Mb / 8P |
Middle Power Transistor (-30V / -3A)
|
|
2SCR293P5
|
1Mb / 8P |
Middle Power Transistors (30V / 1A)
|
|
2SCR293PFRA
|
1Mb / 8P |
Middle Power Transistor (30V / 1A)
|
|
2SCR512PFRA
|
1Mb / 8P |
Middle Power Transistor (30V / 2A)
|
|
2SCR513PFRA
|
1Mb / 8P |
Middle Power Transistor (50V / 1A)
|
|
2SCR552PFRA
|
1Mb / 8P |
Middle Power Transistor (30V / 3A)
|