Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SC8180S Datasheet(PDF) 7 Page - SamHop Microelectronics Corp.

No. de pieza SC8180S
Descripción Electrónicos  Dual N-Channel Enhancement Mode Field Effect Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMHOP [SamHop Microelectronics Corp.]
Página de inicio  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SC8180S Datasheet(HTML) 7 Page - SamHop Microelectronics Corp.

  SC8180S Datasheet HTML 1Page - SamHop Microelectronics Corp. SC8180S Datasheet HTML 2Page - SamHop Microelectronics Corp. SC8180S Datasheet HTML 3Page - SamHop Microelectronics Corp. SC8180S Datasheet HTML 4Page - SamHop Microelectronics Corp. SC8180S Datasheet HTML 5Page - SamHop Microelectronics Corp. SC8180S Datasheet HTML 6Page - SamHop Microelectronics Corp. SC8180S Datasheet HTML 7Page - SamHop Microelectronics Corp. SC8180S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SC8180S
www.samhop.com.tw
Mar,29,2017
7
0.01
0.1
100
10
1
1.5
1.0
0.5
0
VF(S-S) - Source to Source Voltage - V
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
0
-50
10
40
30
20
150
100
50
0
Tch - Channel Temperature -
°C
SOURCE TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
IS = 2.75 A
50
3.0
2.5
2.0
VGS = 0 V
VGS = 2.5 V
3.1 V
4.0 V
4.5 V
10
0.1
100
1000
10
1
IS - Source Current - A
SWITCHING CHARACTERISTICS
VDD = 12.0 V
VGS = 4.0 V
RG = 6
Ω
td(on)
tr
td(off)
tf
QG - Gate Charge -nC
DYNAMIC INPUT CHARACTERISTICS
0
0
4
3
2
16
12
8
4
1
VDD = 12 V
IS = 2.75 A
20
Ver 1.1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com