Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SC8180S Datasheet(PDF) 6 Page - SamHop Microelectronics Corp.

No. de pieza SC8180S
Descripción Electrónicos  Dual N-Channel Enhancement Mode Field Effect Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMHOP [SamHop Microelectronics Corp.]
Página de inicio  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SC8180S Datasheet(HTML) 6 Page - SamHop Microelectronics Corp.

  SC8180S Datasheet HTML 1Page - SamHop Microelectronics Corp. SC8180S Datasheet HTML 2Page - SamHop Microelectronics Corp. SC8180S Datasheet HTML 3Page - SamHop Microelectronics Corp. SC8180S Datasheet HTML 4Page - SamHop Microelectronics Corp. SC8180S Datasheet HTML 5Page - SamHop Microelectronics Corp. SC8180S Datasheet HTML 6Page - SamHop Microelectronics Corp. SC8180S Datasheet HTML 7Page - SamHop Microelectronics Corp. SC8180S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SC8180S
www.samhop.com.tw
Mar,29,2017
6
0
0
5
15
10
1
0.8
0.6
0.4
0.2
VSS - Source to Source Voltage - V
SOURCE CURRENT vs.
SOURCE TO SOURCE VOLTAGE
0.01
0
0.1
100
10
1
2.0
1.6
1.2
0.8
0.4
VGS - Gate to Source Voltage - V
FORWARD TRANSFER CHARACTERISTICS
2.4
25
°C
75
°C
125
°C
TA = -25
°C
-50
0.5
0.8
0.7
0.6
150
100
50
0
Tch - Channel Temperature -
°C
GATEBTO SOURE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
IS = 250uA
0.01
0.01
0.1
100
10
1
100
10
1
0.1
IS - Source Current - A
FORWARD TRANSFER ADMITTANCE vs.
SOURCE CURRENT
0.9
TA = -25
°C
25
°C
75
°C
125
°C
100
10
1
0.1
IS - Source Current - A
SOURCE TO SOURCE ON-STATE RESISTANCE vs.
SOURCE CURRENT
0
0
10
40
30
20
8
6
4
2
VGS - Gate to Source Voltage - V
SOURCE TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
IS = 2.75A
30
20
0.4
0
40
30
20
50
10
VGS = 2.5 V
4.5 V
3.1 V
4.0 V
25
VGS = 4.5 V
3.1 V
2.5 V
4.0 V
Ver 1.1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com