Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STP190NF04 Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza STP190NF04
Descripción Electrónicos  N-CHANNEL 40V - 3.9 mW - 120A D2PAK/I2PAK/TO-220 STripFET II POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP190NF04 Datasheet(HTML) 6 Page - STMicroelectronics

  STP190NF04 Datasheet HTML 1Page - STMicroelectronics STP190NF04 Datasheet HTML 2Page - STMicroelectronics STP190NF04 Datasheet HTML 3Page - STMicroelectronics STP190NF04 Datasheet HTML 4Page - STMicroelectronics STP190NF04 Datasheet HTML 5Page - STMicroelectronics STP190NF04 Datasheet HTML 6Page - STMicroelectronics STP190NF04 Datasheet HTML 7Page - STMicroelectronics STP190NF04 Datasheet HTML 8Page - STMicroelectronics STP190NF04 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
STB190NF04/-1 STP190NF04
6/9
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.4
4.6
0.173
0.181
A1
2.49
2.69
0.098
0.106
B
0.7
0.93
0.027
0.036
B2
1.14
1.7
0.044
0.067
C
0.45
0.6
0.017
0.023
C2
1.23
1.36
0.048
0.053
D
8.95
9.35
0.352
0.368
e
2.4
2.7
0.094
0.106
E
10
10.4
0.393
0.409
L
13.1
13.6
0.515
0.531
L1
3.48
3.78
0.137
0.149
L2
1.27
1.4
0.050
0.055
L
L1
D
L2
P011P5/E
TO-262 (I
2PAK) MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9