Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Z8S18006FSC Datasheet(PDF) 53 Page - Zilog, Inc.

No. de pieza Z8S18006FSC
Descripción Electrónicos  ENHANCED Z180 MICROPROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZILOG [Zilog, Inc.]
Página de inicio  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8S18006FSC Datasheet(HTML) 53 Page - Zilog, Inc.

Back Button Z8S18006FSC Datasheet HTML 49Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 50Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 51Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 52Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 53Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 54Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 55Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 56Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 57Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 70 page
background image
Z80180/Z8S180/Z8L180
Zilog
Enhanced Z180 Microprocessor
DS971800401
P R E L I M I N A R Y
1-53
1
DMA MEMORY ADDRESS REGISTER CHANNEL 1
(MAR1: I/O Address = 28H to 2AH) specifies the physical memory address for channel 1 transfers. This may be destina-
tion or source memory address. The register contains 20 bits and may specify up to 1024 KB memory address.
DMA Memory Address Register, Channel 1L
Mnemonic MAR1L
Address 28
DMA Memory Address Register, Channel 1H.
Mnemonic MAR1H
Address 29
DMA Memory Address Register, Channel 1B
Mnemonic MAR1B
Address 2A
Figure 65. DMA Memory Address Register,
Channel 1L
Figure 66. DMA Memory Address Register,
Channel 1H
Figure 67. DMA Memory Address Register,
Channel 1B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com