Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Z8S18006FSC Datasheet(PDF) 52 Page - Zilog, Inc.

No. de pieza Z8S18006FSC
Descripción Electrónicos  ENHANCED Z180 MICROPROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZILOG [Zilog, Inc.]
Página de inicio  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8S18006FSC Datasheet(HTML) 52 Page - Zilog, Inc.

Back Button Z8S18006FSC Datasheet HTML 48Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 49Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 50Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 51Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 52Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 53Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 54Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 55Page - Zilog, Inc. Z8S18006FSC Datasheet HTML 56Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 70 page
background image
Z80180/Z8S180/Z8L180
Enhanced Z180 Microprocessor
Zilog
1-52
P R E L I M I N A R Y
DS971800401
DMA BYTE COUNT REGISTER CHANNEL 0
(BCRO: I/O Address = 26H to 27H) specifies the number of bytes to be transferred. This register contains 16 bits and may
specify up to 64 KB transfers. When one byte is transferred, the register is decremented by one. If “n” bytes should be
transferred, “n” must be stored before the DMA operation.
Note: All DMA Count Register channels are undefined during reset.
DMA Byte Count Register Channel 0L
Mnemonic BCR0L
Address 26
DMA Byte Count Register Channel 0H
Mnemonic BCR0H
Address 27
DMA Byte Count Register Channel 1L
Mnemonic BCR1L
Address 2E
DMA Byte Count Register Channel 0H
Mnemonic BCR1H
Address 2F
Figure 61. DMA Byte Count Register 0L
Figure 62. DMA Byte Count Register 0H
Figure 63. DMA Byte Count Register 1L
Figure 64. DMA Byte Count Register 0H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com