Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BRCPA1000AMACWS Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza BRCPA1000AMACWS
Descripción Electrónicos  Thin Film Bar MOS Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BRCPA1000AMACWS Datasheet(HTML) 3 Page - Vishay Siliconix

  BRCPA1000AMACWS Datasheet HTML 1Page - Vishay Siliconix BRCPA1000AMACWS Datasheet HTML 2Page - Vishay Siliconix BRCPA1000AMACWS Datasheet HTML 3Page - Vishay Siliconix BRCPA1000AMACWS Datasheet HTML 4Page - Vishay Siliconix BRCPA1000AMACWS Datasheet HTML 5Page - Vishay Siliconix BRCPA1000AMACWS Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BRCP
www.vishay.com
Vishay Electro-Films
Revision: 22-Jan-15
3
Document Number: 61106
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CASE SIZE A 0.12" x 0.035"
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
S
R
T
U
5 pF
6.5 pF
7.5 pF
10 pF
12.5 pF
15 pF
17.5 pF
20 pF
22.5 pF
25 pF
27.5 pF
30 pF
32.5 pF
35 pF
37.5 pF
40 pF
42.5 pF
45 pF
47.5 pF
50 pF



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com