Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BRCPA1000AMACWS Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza BRCPA1000AMACWS
Descripción Electrónicos  Thin Film Bar MOS Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BRCPA1000AMACWS Datasheet(HTML) 2 Page - Vishay Siliconix

  BRCPA1000AMACWS Datasheet HTML 1Page - Vishay Siliconix BRCPA1000AMACWS Datasheet HTML 2Page - Vishay Siliconix BRCPA1000AMACWS Datasheet HTML 3Page - Vishay Siliconix BRCPA1000AMACWS Datasheet HTML 4Page - Vishay Siliconix BRCPA1000AMACWS Datasheet HTML 5Page - Vishay Siliconix BRCPA1000AMACWS Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BRCP
www.vishay.com
Vishay Electro-Films
Revision: 22-Jan-15
2
Document Number: 61106
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MECHANICAL SPECIFICATIONS
PARAMETER
VALUE
Chip Substrate Material
Silicon
Dielectric
Silicon dioxide
Top Termination
Au 1 μm min.
Case Size
See table “Case Size Value and Tolerance”
Passivation
None
Number of Pads
1
Back Termination (Epoxy only)
TiW/Au
CASE SIZE VALUE AND TOLERANCE
NOMINAL VALUE
(pF)
CASE TYPE A
CASE TYPE B
BEST TOLERANCE
(± %)
MAX. OPERATING
VOLTAGE
(V)
5
+
-
10
100
7.5
+
-
7
100
10
+
+
5
100
12.5
+
+
5
100
15
+
+
5
100
17.5
+
-
5
100
20
+
+
5
100
22.5
+
-
5
100
25
+
+
5
100
27.5
+
-
5
100
30
+
+
5
100
32.5
+
-
5
100
35
+
+
5
100
37.5
+
-
5
100
40
+
+
5
100
42.5
+
-
5
100
45
+
+
5
100
47.5
+
-
5
100
50
+
+
5
100
55
-
+
5
100
60
-
+
5
100
65
-
+
5
100
70
-
+
5
100
75
-
+
5
100
80
-
+
5
100
85
-
+
5
100
90
-
+
5
100
95
-
+
5
100
100
-
+
5
100



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com