| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R5F104LEA Datasheet(PDF) 149 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F104LEA Datasheet(HTML) 149 Page - Renesas Technology Corp |
|
149 / 213 page ![]() RL78/G14 3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105 °C) R01DS0053EJ0330 Rev. 3.30 Page 149 of 208 Aug 12, 2016 3.4 AC Characteristics Note The following conditions are required for low voltage interface when EVDD0 < VDD 2.4 V ≤ EVDD0 < 2.7 V: MIN. 125 ns Remark fMCK: Timer array unit operation clock frequency (Operation clock to be set by the CKSmn bit of timer mode register mn (TMRmn). m: Unit number (m = 0, 1), n: Channel number (n = 0 to 3)) (TA = -40 to +105°C, 2.4 V ≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V) Items Symbol Conditions MIN. TYP. MAX. Unit Instruction cycle (min- imum instruction exe- cution time) TCY Main system clock (fMAIN) operation HS (high-speed main) mode 2.7 V ≤ VDD ≤ 5.5 V 0.03125 1 μs 2.4 V ≤ VDD < 2.7 V 0.0625 1 μs Subsystem clock (fSUB) operation 2.4 V ≤ VDD ≤ 5.5 V 28.5 30.5 31.3 μs In the self- program- ming mode HS (high-speed main) mode 2.7 V ≤ VDD ≤ 5.5 V 0.03125 1 μs 2.4 V ≤ VDD < 2.7 V 0.0625 1 μs External system clock frequency fEX 2.7 V ≤ VDD ≤ 5.5 V 1.0 20.0 MHz 2.4 V ≤ VDD ≤ 2.7 V 1.0 16.0 MHz fEXS 32 35 kHz External system clock input high-level width, low-level width tEXH, tEXL 2.7 V ≤ VDD ≤ 5.5 V 24 ns 2.4 V ≤ VDD ≤ 2.7 V 30 ns tEXHS, tEXLS 13.7 μs TI00 to TI03, TI10 to TI13 input high-level width, low-level width tTIH, tTIL 1/fMCK + 10 Note ns Timer RJ input cycle fC TRJIO 2.7 V ≤ EVDD0 ≤ 5.5 V 100 ns 2.4 V ≤ EVDD0 < 2.7 V 300 ns Timer RJ input high- level width, low-level width tTJIH, tTJIL TRJIO 2.7 V ≤ EVDD0 ≤ 5.5 V 40 ns 2.4 V ≤ EVDD0 < 2.7 V 120 ns |