| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R5F104LEA Datasheet(PDF) 15 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F104LEA Datasheet(HTML) 15 Page - Renesas Technology Corp |
|
15 / 213 page ![]() RL78/G14 1. OUTLINE R01DS0053EJ0330 Rev. 3.30 Page 15 of 208 Aug 12, 2016 1.3.6 48-pin products • 48-pin plastic LFQFP (7 × 7 mm, 0.5 mm pitch) Note 1. Mounted on the 96 KB or more code flash memory products. Note 2. Mounted on the 384 KB or more code flash memory products. Caution Connect the REGC pin to VSS pin via a capacitor (0.47 to 1 μF). Remark 1. For pin identification, see 1.4 Pin Identification. Remark 2. Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection register 0, 1 (PIOR0, 1). P147/ANI18/VCOUT1 Note 1 P146 P10/SCK11/SCL11/TRDIOD1 P11/SI11/SDA11/TRDIOC1/(RxD0_1) Note 2 P12/SO11/TRDIOB1/IVREF1 Note 1 /(TxD0_1) Note 2 P13/TxD2/SO20/TRDIOA1/IVCMP1 Note 1 P14/RxD2/SI20/SDA20/TRDIOD0/(SCLA0) P15/PCLBUZ1/SCK20/SCL20/TRDIOB0/(SDAA0) P16/TI01/TO01/INTP5/TRDIOC0/IVREF0 Note 1/(RXD0) P17/TI02/TO02/TRDIOA0/TRDCLK/IVCMP0 Note 1/(TXD0) P51/INTP2/SO00/TxD0/TOOLTxD/TRGIOB P50/INTP1/SI00/RxD0/TOOLRxD/SDA00/TRGIOA/(TRJO0 P120/ANI19/VCOUT0 Note 1 P41/(TRJIO0) P40/TOOL0 RESET P124/XT2/EXCLKS P123/XT1 P137/INTP0 P122/X2/EXCLK P121/X1 REGC VSS VDD 37 38 39 40 41 42 43 44 45 46 47 48 24 23 22 21 20 19 18 17 16 15 14 13 1 2 3 4 5 6 7 8 9 10 11 12 36 35 34 33 32 31 30 29 28 27 26 25 RL78/G14 (Top View) |