| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R5F104LEA Datasheet(PDF) 145 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F104LEA Datasheet(HTML) 145 Page - Renesas Technology Corp |
|
145 / 213 page ![]() RL78/G14 3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105 °C) R01DS0053EJ0330 Rev. 3.30 Page 145 of 208 Aug 12, 2016 (Notes and Remarks are listed on the next page.) (3) Flash ROM: 384 to 512 KB of 48- to 100-pin products (TA = -40 to +105°C, 2.4 V ≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V) (2/2) Parameter Symbol Conditions MIN. TYP. MAX. Unit Supply cur- rent Note 1 IDD2 Note 2 HALT mode HS (high-speed main) mode Note 7 fHOCO = 64 MHz, fIH = 32 MHz Note 4 VDD = 5.0 V 0.93 5.16 mA VDD = 3.0 V 0.93 5.16 fHOCO = 32 MHz, fIH = 32 MHz Note 4 VDD = 5.0 V 0.5 4.47 VDD = 3.0 V 0.5 4.47 fHOCO = 48 MHz, fIH = 24 MHz Note 4 VDD = 5.0 V 0.72 4.08 VDD = 3.0 V 0.72 4.08 fHOCO = 24 MHz, fIH = 24 MHz Note 4 VDD = 5.0 V 0.42 3.51 VDD = 3.0 V 0.42 3.51 fHOCO = 16 MHz, fIH = 16 MHz Note 4 VDD = 5.0 V 0.39 2.38 VDD = 3.0 V 0.39 2.38 HS (high-speed main) mode Note 7 fMX = 20 MHz Note 3, VDD = 5.0 V Square wave input 0.31 2.83 mA Resonator connection 0.41 2.92 fMX = 20 MHz Note 3, VDD = 3.0 V Square wave input 0.31 2.83 Resonator connection 0.41 2.92 fMX = 10 MHz Note 3, VDD = 5.0 V Square wave input 0.21 1.46 Resonator connection 0.26 1.57 fMX = 10 MHz Note 3, VDD = 3.0 V Square wave input 0.21 1.46 Resonator connection 0.26 1.57 Subsystem clock oper- ation fSUB = 32.768 kHz Note 5, TA = -40°C Square wave input 0.31 0.76 μA Resonator connection 0.50 0.95 fSUB = 32.768 kHz Note 5, TA = +25°C Square wave input 0.38 0.76 Resonator connection 0.57 0.95 fSUB = 32.768 kHz Note 5, TA = +50°C Square wave input 0.47 3.59 Resonator connection 0.70 3.78 fSUB = 32.768 kHz Note 5, TA = +70°C Square wave input 0.80 6.20 Resonator connection 1.00 6.39 fSUB = 32.768 kHz Note 5, TA = +85°C Square wave input 1.65 10.56 Resonator connection 1.84 10.75 fSUB = 32.768 kHz Note 5, TA = +105°C Square wave input 8.00 65.7 Resonator connection 8.00 65.7 IDD3 Note 6 STOP mode Note 8 TA = -40°C 0.19 0.63 μA TA = +25°C 0.30 0.63 TA = +50°C 0.41 3.47 TA = +70°C 0.80 6.08 TA = +85°C 1.53 10.44 TA = +105°C 6.50 67.14 <R> |