Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CM6533DH Datasheet(PDF) 6 Page - C-Media Electronics

No. de pieza CM6533DH
Descripción Electrónicos  USB 2.0 Full-Speed compliant
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CMEDIA [C-Media Electronics]
Página de inicio  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM6533DH Datasheet(HTML) 6 Page - C-Media Electronics

Back Button CM6533DH Datasheet HTML 2Page - C-Media Electronics CM6533DH Datasheet HTML 3Page - C-Media Electronics CM6533DH Datasheet HTML 4Page - C-Media Electronics CM6533DH Datasheet HTML 5Page - C-Media Electronics CM6533DH Datasheet HTML 6Page - C-Media Electronics CM6533DH Datasheet HTML 7Page - C-Media Electronics CM6533DH Datasheet HTML 8Page - C-Media Electronics CM6533DH Datasheet HTML 9Page - C-Media Electronics CM6533DH Datasheet HTML 10Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
CM6533,CM6533N,CM6533X1,CM6533DH
USB Audio Chip
Page 6 / 60
www.cmedia.com.tw
Rev.1.6
Copyright© C-Media Electronics Inc.
1 Description and Overview
The CM6533/CM6533N/CM6533X1/CM6533DH is a USB 2.0 audio chip built-in 8051 for flexible applications. With
integrated Tri-Colors PWM LED driver and two (2)-channel ADC/DAC and S/PDIF interface makes it suitable for
headset, docking, speaker and microphone applications. The internal 8051 can also be developed to a lot of different
applications, such as Microsoft™ Lync/Skype/VoIP device, Android Phone or Tablet/Slate docking device. The
CM6533/CM6533N/CM6533X1/CM6533DH is compatible with USB Audio Class 1.0 and USB 2.0 Full-Speed, thus it can
plug & play without any additional software installation on major operating systems. The internal DAC and ADC
support from 8 ~ 96 KHz sampling rate and 16/24 bits resolution. The hardware of CM6533, CM6533N, CM6533X1 and
CM6533DH are all the same and they only differ in firmware and software.
The CM6533/CM6533N/CM6533X1/CM6533DH integrates equalizer on both playback and recording paths to
compensate the frequency response of microphone and headphone.
The CM6533/CM6533N/CM6533X1/CM6533DH also integrates 256K Byte flash(Including 32KB F/W programming size)
and crystal but requires few passive components to make a finish product. Thus, it can save the total BOM cost and
PCB area can be smaller.
2 Features
2.1 USB Compliance
 USB 2.0 Full-Speed compliant
 USB Audio Class 1.0 compliant
 USB Human Interface Device (HID) Class 1.1 compliant
 Supports USB suspend/resume/reset functions
 Supports control, interrupt, bulk, and isochronous data transfers and overview
2.2 Integrated 8051 Microprocessor
 Embedded 8051 micro-processor to handle the command/protocol transactions
 Embedded 256K Byte SPI Flash(Including 32KB F/W programming size)
 32K Byte RAM for firmware extension and plug-in
 HID interrupts/buttons/functions can be implemented via firmware codes
 Provides maximum hardware configured flexibility with firmware code upgrade
 VID/PID/Product String can program by firmware
2.3 Control Interface
 Master/Slave I2C control interface, bus speed supports 100 and 400kbit/s
 One 4-wire SPI mater/slave interface, bus speed supports from 150k to 12Mbit/s
 12 GPIO pins and firmware programmable
 JTAG debug interface
 GPIOs are configured as HID key and LED indicators
 Tri-Colors PWM LED Driver
2.4 General
 Crystal-less (embedded crystal function)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com