Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CM6533DH Datasheet(PDF) 49 Page - C-Media Electronics

No. de pieza CM6533DH
Descripción Electrónicos  USB 2.0 Full-Speed compliant
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CMEDIA [C-Media Electronics]
Página de inicio  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM6533DH Datasheet(HTML) 49 Page - C-Media Electronics

Back Button CM6533DH Datasheet HTML 45Page - C-Media Electronics CM6533DH Datasheet HTML 46Page - C-Media Electronics CM6533DH Datasheet HTML 47Page - C-Media Electronics CM6533DH Datasheet HTML 48Page - C-Media Electronics CM6533DH Datasheet HTML 49Page - C-Media Electronics CM6533DH Datasheet HTML 50Page - C-Media Electronics CM6533DH Datasheet HTML 51Page - C-Media Electronics CM6533DH Datasheet HTML 52Page - C-Media Electronics CM6533DH Datasheet HTML 53Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
CM6533,CM6533N,CM6533X1,CM6533DH
USB Audio Chip
Page 49 / 60
www.cmedia.com.tw
Rev.1.6
Copyright© C-Media Electronics Inc.
6.13 Reset
Power
VSS
VDD
Watchdog
Overflow Time
WDT Reset
Normal Run
Flash Initial Time
(Read 16K Firmware from
internal flash)
Reset
Ready
Flash Initial Time
(Read 32K Firmware from
internal flash)
Reset
Ready
55m sec
95m sec
Default 1 sec
6.13.1
Watchdog Reset Timer
The watchdog timer is a 15-bit counter that is incremented every 24 or 384 clock cycles. It is used to provide the
system supervision in case of software or hardware upset. If the software was not able to refresh the Watchdog Timer
after 786336 or 12581376 clock cycles (65ms or 1s when using 12MHz clock), an internal reset is generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com