Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MDS1951 Datasheet(PDF) 2 Page - MagnaChip Semiconductor.

No. de pieza MDS1951
Descripción Electrónicos  Single N-Channel Trench MOSFET 60V, 6A, 45m(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MGCHIP [MagnaChip Semiconductor.]
Página de inicio  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDS1951 Datasheet(HTML) 2 Page - MagnaChip Semiconductor.

  MDS1951 Datasheet HTML 1Page - MagnaChip Semiconductor. MDS1951 Datasheet HTML 2Page - MagnaChip Semiconductor. MDS1951 Datasheet HTML 3Page - MagnaChip Semiconductor. MDS1951 Datasheet HTML 4Page - MagnaChip Semiconductor. MDS1951 Datasheet HTML 5Page - MagnaChip Semiconductor. MDS1951 Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
June
2010. Version 1.0
MagnaChip Semiconductor Ltd.
2
Ordering Information
Part Number
Temp. Range
Package
Packing
RoHS Status
MDS1951URH
-55~150
oC
SOIC-8
Tape & Reel
Halogen Free
Electrical Characteristics (Ta =25
oC unless otherwise noted)
Characteristics
Symbol
Test Condition
Min
Typ
Max
Unit
Static Characteristics
Drain-Source Breakdown Voltage
BVDSS
ID = 250μA, VGS = 0V
60
-
-
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250μA
1.0
1.9
3.0
Zero Gate Voltage Drain Current
IDSS
VDS = 60V, VGS = 0V
-
-
1
μA
Gate Leakage Current
IGSS
VGS = ±20V, VDS = 0V
-
-
0.1
Drain-Source ON Resistance
RDS(ON)
VGS = 10V, ID = 4.5A
-
37
45
VGS = 4.5V, ID = 3.0A
-
44
55
Forward Transconductance
gFS
VDS = 10V, ID =3.3A
-
11
-
S
Dynamic Characteristics
Total Gate Charge ( Vgs=10V)
Qg
VDS = 30V, ID = 4.5A, VGS = 10V
-
9.0
10.5
nC
Total Gate Charge ( Vgs=4.5V)
4.4
Gate-Source Charge
Qgs
-
1.5
-
Gate-Drain Charge
Qgd
-
2.0
-
Input Capacitance
Ciss
VDS = 30V, VGS = 0V, f = 1.0MHz
-
420
-
pF
Reverse Transfer Capacitance
Crss
-
25
-
Output Capacitance
Coss
-
50
-
Turn-On Delay Time
td(on)
VGS = 10V ,VDS = 30V,
RL = 6.7Ω, RGEN = 5Ω
-
4.5
-
ns
Turn-On Rise Time
tr
-
20
-
Turn-Off Delay Time
td(off)
-
15
-
Turn-Off Fall Time
tf
-
9.5
-
Drain-Source Body Diode Characteristics
Source-Drain Diode Forward Voltage
VSD
IS = 1.0A, VGS = 0V
-
0.7
1.1
V
Body Diode Reverse Recovery Time
trr
IF = 4.5A, di/dt = 100A/μs
-
21
30
ns
Body Diode Reverse Recovery Charge
Qrr
-
25
-
nC
Note :
1. Surface mounted RF4 board with 2oz. Copper.
2. PD is based on TJ(MAX)=150°C
a. PD (TC=25°C) is based on RθJC,
b. PD (TA=25°C) is based on RθJA, t<10sec
3. Starting TJ=25°C, L=1mH, VGS=10V,ID=5A, VDD=30V, Rated VDS=60V



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com