Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UCD7100 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza UCD7100
Descripción Electrónicos  Digital Control Compatible Single Low-Side 4-A MOSFET Driver with Current Sense
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

UCD7100 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCD7100_17 Datasheet HTML 6Page - Texas Instruments UCD7100_17 Datasheet HTML 7Page - Texas Instruments UCD7100_17 Datasheet HTML 8Page - Texas Instruments UCD7100_17 Datasheet HTML 9Page - Texas Instruments UCD7100_17 Datasheet HTML 10Page - Texas Instruments UCD7100_17 Datasheet HTML 11Page - Texas Instruments UCD7100_17 Datasheet HTML 12Page - Texas Instruments UCD7100_17 Datasheet HTML 13Page - Texas Instruments UCD7100_17 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
2
7
4
3
5
6
3V3 Regulator
&
Reference
UVLO
12
14
11
1
10
9
8
PVDD
N/C
3V3
IN
AGND
CLF
ILIM
OUT
OUT
PGND
PGND
CS
+
13 PVDD
VDD
25 mV
SD
Q
Q
R
UCD7100
SLUS651D – MARCH 2005 – REVISED OCTOBER 2014
www.ti.com
8 Detailed Description
8.1 Overview
The UCD7100 is a member of the UCD7K family of digital control compatible drivers for applications utilizing
digital control techniques, or applications requiring fast local peak current limit protection.
The UCD7100 is a low-side ±4-A high-current MOSFET gate driver. The UCD7100 allows digital power
controllers such as the UCD9110 or UCD9501 to interface to the power stage in single-ended topologies. It
provides a cycle-by-cycle current limit function with programmable threshold and a digital output current limit flag,
which can be monitored by the host controller. With a fast 25-ns cycle-by-cycle current limit protection, the driver
can turn off the power stage in the unlikely event that the digital system cannot respond to a failure situation in
time.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Input
The IN pin is a high impedance digital input capable of accepting 3.3-V logic level signals up to 2 MHz. There is
an internal Schmitt Trigger comparator which isolates the internal circuitry from any external noise.
If limiting the rise or fall times to the power device is desired, then an external resistance can be added between
the output of the driver and the load device, which is generally a power MOSFET gate. The external resistor may
also help remove power dissipation from the package.
8.3.2 Current Sensing and Protection
A very fast current limit comparator connected to the CS pin is used to protect the power stage by implementing
cycle-by-cycle current limiting.
The current limit threshold is equal to the lesser of the positive inputs at the current limit comparator. The current
limit threshold can be set to any value between 0.25 V and 1.0 V by applying the desired threshold voltage to the
current limit (ILIM) pin. When the CS level is greater than the ILIM voltage minus 25 mV, the output of the driver
is forced low and the current limit flag (CLF) is set high. The CLF signal is latched high until the UCD7K device
receives the next rising edge on the IN pin.
10
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: UCD7100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com