| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F732ICT7 Datasheet(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F732ICT7 Datasheet(HTML) 58 Page - STMicroelectronics |
|
58 / 122 page ![]() - - - F2 14 - F2 - - 14 VSS S - - - - -- - F3 15 - F3 - - 15 VDD S - - - - - - 10 E2 16 - E2 C31016 PF0 I/O FT - I2C2_SDA, FMC_A0, EVENTOUT - - - 11 H3 17 - H3 C41117 PF1 I/O FT - I2C2_SCL, FMC_A1, EVENTOUT - - - 12 H2 18 - H2 D41218 PF2 I/O FT - I2C2_SMBA, FMC_A2, EVENTOUT - - - 13 J2 19 - J2 E2 13 19 PF3 I/O FT - FMC_A3, EVENTOUT ADC3_IN9 - - 14 J3 20 - J3 E3 14 20 PF4 I/O FT - FMC_A4, EVENTOUT ADC3_IN14 - - 15 K3 21 - K3 E4 15 21 PF5 I/O FT - FMC_A5, EVENTOUT ADC3_IN15 - 10 16 G2 22 F9 G2 D21622 VSS S - - - - - 11 17 G3 23 F10 G3 D3 17 23 VDD S - - - - - - 18 K2 24 - K2 F3 18 24 PF6 I/O FT - TIM10_CH1, SPI5_NSS, SAI1_SD_B, UART7_RX, QUADSPI_BK1_IO3, EVENTOUT ADC3_IN4 Table 10. STM32F732xx and STM32F733xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions STM32F732xx STM32F733xx |