| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L471RG Datasheet(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L471RG Datasheet(HTML) 63 Page - STMicroelectronics |
|
63 / 218 page ![]() DocID027226 Rev 1 63/218 STM32L471xx Pinouts and pin description 90 - 40 M8 60 PE9 I/O FT - TIM1_CH1, DFSDM_CKOUT, FMC_D6, SAI1_FS_B, EVENTOUT - - - F6 61 VSS S - - - - -- G6 62 VDD S - - - - - 41 L8 63 PE10 I/O FT - TIM1_CH2N, DFSDM_DATIN4, TSC_G5_IO1, QUADSPI_CLK, FMC_D7, SAI1_MCLK_B, EVENTOUT - - 42 M9 64 PE11 I/O FT - TIM1_CH2, DFSDM_CKIN4, TSC_G5_IO2, QUADSPI_NCS, FMC_D8, EVENTOUT - - 43 L9 65 PE12 I/O FT - TIM1_CH3N, SPI1_NSS, DFSDM_DATIN5, TSC_G5_IO3, QUADSPI_BK1_IO0, FMC_D9, EVENTOUT - - 44 M10 66 PE13 I/O FT - TIM1_CH3, SPI1_SCK, DFSDM_CKIN5, TSC_G5_IO4, QUADSPI_BK1_IO1, FMC_D10, EVENTOUT - - 45 M11 67 PE14 I/O FT - TIM1_CH4, TIM1_BKIN2, TIM1_BKIN2_COMP2, SPI1_MISO, QUADSPI_BK1_IO2, FMC_D11, EVENTOUT - - 46 M12 68 PE15 I/O FT - TIM1_BKIN, TIM1_BKIN_COMP1, SPI1_MOSI, QUADSPI_BK1_IO3, FMC_D12, EVENTOUT - Table 15. STM32L471xx pin definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |