| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L471RG Datasheet(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L471RG Datasheet(HTML) 60 Page - STMicroelectronics |
|
60 / 218 page ![]() Pinouts and pin description STM32L471xx 60/218 DocID027226 Rev 1 - - - 18 PF6 I/O FT_a - TIM5_ETR, TIM5_CH1, SAI1_SD_B, EVENTOUT ADC3_IN9 - - - 19 PF7 I/O FT_a - TIM5_CH2, SAI1_MCLK_B, EVENTOUT ADC3_IN10 - - - 20 PF8 I/O FT_a - TIM5_CH3, SAI1_SCK_B, EVENTOUT ADC3_IN11 - - - 21 PF9 I/O FT_a - TIM5_CH4, SAI1_FS_B, TIM15_CH1, EVENTOUT ADC3_IN12 - - - 22 PF10 I/O FT_a - TIM15_CH2, EVENTOUT ADC3_IN13 512 F1 23 PH0-OSC_IN (PH0) I/O FT - EVENTOUT OSC_IN 613 G1 24 PH1-OSC_OUT (PH1) I/O FT - EVENTOUT OSC_OUT 7 14 H2 25 NRST I/O RST - - - 8 15 H1 26 PC0 I/O FT_fa - LPTIM1_IN1, I2C3_SCL, DFSDM_DATIN4, LPUART1_RX, LPTIM2_IN1, EVENTOUT ADC123_IN1 9 16 J2 27 PC1 I/O FT_fa - LPTIM1_OUT, I2C3_SDA, DFSDM_CKIN4, LPUART1_TX, EVENTOUT ADC123_IN2 10 17 J3 28 PC2 I/O FT_a - LPTIM1_IN2, SPI2_MISO, DFSDM_CKOUT, EVENTOUT ADC123_IN3 11 18 K2 29 PC3 I/O FT_a - LPTIM1_ETR, SPI2_MOSI, SAI1_SD_A, LPTIM2_ETR, EVENTOUT ADC123_IN4 - 19 - 30 VSSA S - - - - - 20 - 31 VREF- S - - - - 12 - J1 - VSSA/VREF- - - - - - - 21 L1 32 VREF+ S - - - VREFBUF_OUT - 22 M1 33 VDDA S - - - - 13 - - - VDDA/VREF+ S - - - - Table 15. STM32L471xx pin definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |