| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L162VC Datasheet(PDF) 80 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L162VC Datasheet(HTML) 80 Page - STMicroelectronics |
|
80 / 123 page ![]() Electrical characteristics STM32L162VC, STM32L162RC 80/123 DocID022881 Rev 10 6.3.13 I/O port characteristics General input/output characteristics Unless otherwise specified, the parameters given in Table 49 are derived from tests performed under the conditions summarized in Table 14. All I/Os are CMOS and TTL compliant. Table 43. I/O static characteristics Symbol Parameter Conditions Min Typ Max Unit VIL Input low level voltage TC and FT I/O - - 0.3 VDD(1)(2) V BOOT0 - - 0.14 VDD(2) VIH Input high level voltage TC I/O 0.45 VDD+0.38(2) -- FT I/O 0.39 VDD+0.59(2) -- BOOT0 0.15 VDD+0.56(2) -- Vhys I/O Schmitt trigger voltage hysteresis(2) TC and FT I/O - 10% VDD(3) - BOOT0 - 0.01 - Ilkg Input leakage current (4) VSS ≤VIN ≤VDD I/Os with LCD -- ±50 nA VSS ≤VIN ≤VDD I/Os with analog switches -- ±50 VSS ≤VIN ≤VDD I/Os with analog switches and LCD -- ±50 VSS ≤VIN ≤VDD I/Os with USB -- ±250 VSS ≤VIN ≤VDD TC and FT I/Os -- ±50 FT I/O VDD ≤VIN ≤5V -- ±10 µA RPU Weak pull-up equivalent resistor(5)(1) VIN = VSS 30 45 60 k Ω RPD Weak pull-down equivalent resistor(5) VIN = VDD 30 45 60 k Ω CIO I/O pin capacitance - - 5 - pF 1. Guaranteed by test in production 2. Guaranteed by design. 3. With a minimum of 200 mV. 4. The max. value may be exceeded if negative current is injected on adjacent pins. 5. Pull-up and pull-down resistors are designed with a true resistance in series with a switchable PMOS/NMOS. This MOS/NMOS contribution to the series resistance is minimum (~10% order). |